Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ADL5330 Datasheet(Fiches technique) 1 Page - Analog Devices

Numéro de pièce ADL5330
Description  1 MHz - 3 GHz VGA with 60dB Gain Control Range
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

ADL5330 Datasheet(HTML) 1 Page - Analog Devices

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. PrK
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its use;
nor for any infringements of patents or other rights of third parties which may
result from its use. No license is granted by implication or otherwise under
any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
©2004 Analog Devices, Inc. All Rights Reserved
1 MHz - 3 GHz VGA with
a
60dB Gain Control Range
Preliminary Technical Data
ADL5330
FEATURES
Voltage-Controlled Amplifier/Attenuator
Operating Frequency 1 MHz to 3 GHz
Optimized for Controlling Output Power
High Linearity: OIP3 31 dBm @ 900 MHz
Output Noise Floor -150 dBm/Hz @ 900 MHz
Fully-Balanced Differential Signal Path
Differential Input at 50
Wide Gain-Control Range: -34 dB to +22 dB @ 900 MHz
Linear-in-dB Gain Control Function, 20 mV/dB
Single Supply 4.75 – 6 V
APPLICATIONS
Output Power Control for Wireless Infrastructure
INLO
VPS1
COM1
INHI
COM2
OPLO
OPHI
IPBS
GAIN
CONTROL
BIAS
&
VREF
GAIN
BALUN
COM2
RF to PA
RF input, 50
COM2
VPS2
VPS2
VPS2
COM1
VPS1
VPS2
VPS2
COM2
COM2
OPBS
Input
gm
Stage
Continuously
Variable
Attenuator
VREF
O/P
(TZ)
Stage
ENBL
VPS2
RF I/P
PRODUCT DESCRIPTION
The ADL5330 is a high-performance voltage-controlled variable-
gain amplifier/attenuator, for use up to 3 GHz. The signal path is
fully differential; the balanced structure minimizes distortion, and
reduces the risk of spurious feed-forward at low gains and high
frequencies due to substrate coupling. While operation between a
balanced source and load is recommended, a single-sided input is
internally converted to differential from. The input impedance is
50-
Ω from INHI to INLO. The outputs will usually be coupled
into a 50-
Ω grounded load via a 1:1 balun. However, the output
pins, OPHI and OPLO, may also be used separately, with some
noise degradation. A single supply of 4.75 to 6 V is required.
With a 2140 MHz W-CDMA 3GPP forward path signal, the
ADL5330 is capable of producing greater than –3 dBm output
power while maintaining ACPR greater than 55 dB, and an output
noise floor less than -144 dBm/Hz.
Three cascaded sections are used. The 50-
Ω input system converts the
applied voltage to a pair of differential currents with high linearity and
good common rejection if driven by a single-sided source. The signal
currents are then applied to a proprietary voltage-controlled attenuator,
which provides precise definition of the overall gain, under the control
of the Linear-in-dB interface. Pin GAIN accepts a voltage from 0 V at
minimum gain to 1.4 V at full gain. The scaling factor is 20 mV/dB.
Optional external control of the input-stage and/or output-stage biasing
is provided using pins IPBS and OPBS respectively.
The output of the high-accuracy wideband attenuator is applied to a
differential trans-impedance output stage. Higher output power is
attainable at the lower operating frequencies by raising the supply
voltage to 6 V. When powered-down by a logic LO input on the ENBL
pin, the current consumption is < TBD
µA.
The ADL5330 is available in a 24-lead (4 x 4mm) CSP package and is
specified for operation from ambient temperatures of
−40°C to +85°C.
Multiple Patents Pending
Figure 1. Functional Block Diagram


Html Pages

1  2  3  4  5 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn