Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ADL5330 Datasheet(Fiches technique) 4 Page - Analog Devices

Numéro de pièce ADL5330
Description  1 MHz - 3 GHz VGA with 60dB Gain Control Range
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

ADL5330 Datasheet(HTML) 4 Page - Analog Devices

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Preliminary Technical Data
ADL5330
REV. PrK | Page 4 of 5
Typical Performance Characteristics
.
-40
-30
-20
-10
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Vgain - Volts
-20.00
-15.00
-10.00
-5.00
0.00
5.00
10.00
15.00
20.00
Gain 100 MHz
Gain 900 MHz
Gain 1900 MHz
2200 MHz
Error 100 MHz
Gain Error 900 MHz
Error 1900
Error 2200 MHz
.
-30
-20
-10
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Vgain - V
100 MHz
900 MHz
1900 MHz
2200 MHz
Figure 3. Gain and Gain Law Conformance vs. Vgain
Figure 5. OIP3 vs. Gain
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Vgain - V
100 MHz
900 MHz
1900 MHz
2200 MHz
-40
-30
-20
-10
0
10
20
30
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Vgain - V
100Mhz
900Mhz
1900Mhz
2200Mhz
Figure 4. Input Referred Compression Point vs. Gain
Figure 7. Output Referred Compression Point vs. Gain
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
10.00
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
VGAIN
-160.00
-150.00
-140.00
-130.00
-120.00
-110.00
-100.00
-90.00
Pout vs. Vin
Noise - 20 MHz offset
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
VGAIN
-160.00
-150.00
-140.00
-130.00
-120.00
-110.00
-100.00
Pout vs. Vin
Noise - 20 MHz
offset
Figure 8. Pout and Noise Floor vs. Gain, 900 MHz. Pin = -
21 dBm
Figure 8. Pout and Noise Floor vs. Gain 1.9 GHz. Pin = -22
dBm


Html Pages

1  2  3  4  5 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn