Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC8051C2XXX16CBR Fiches technique(PDF) 11 Page - TEMIC Semiconductors

No de pièce TSC8051C2XXX16CBR
Description  8-Bit Microcontroller for Digital Computer Monitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEMIC [TEMIC Semiconductors]
Site Internet  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC8051C2XXX16CBR Fiches technique(HTML) 11 Page - TEMIC Semiconductors

Back Button TSC8051C2XXX16CBR Datasheet HTML 7Page - TEMIC Semiconductors TSC8051C2XXX16CBR Datasheet HTML 8Page - TEMIC Semiconductors TSC8051C2XXX16CBR Datasheet HTML 9Page - TEMIC Semiconductors TSC8051C2XXX16CBR Datasheet HTML 10Page - TEMIC Semiconductors TSC8051C2XXX16CBR Datasheet HTML 11Page - TEMIC Semiconductors TSC8051C2XXX16CBR Datasheet HTML 12Page - TEMIC Semiconductors TSC8051C2XXX16CBR Datasheet HTML 13Page - TEMIC Semiconductors TSC8051C2XXX16CBR Datasheet HTML 14Page - TEMIC Semiconductors TSC8051C2XXX16CBR Datasheet HTML 15Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TSC8051C2
Rev. A (10 Jan. 97)
11
Preview
MATRA MHS
6.8.1. Interrupt Enable Register:
Each interrupt source can be individually enabled or
disabled by setting or clearing a bit in the interrupt
enable register (IE SFR). All interrupts sources can also
be globally enabled or disabled by setting or clearing the
EA bit in IE register.
IE: Interrupt Enable Register
MSB
SFR A8h
LSB
EA
ES
ET1
EX1
ET0
EX0
Symbol
Position
Name and Function
EX0
IE.0
Enable external interrupt 0.
ET0
IE.1
Enable timer 0 interrupt.
EX1
IE.2
Enable external interrupt 1.
ET1
IE.3
Enable timer 1 interrupt.
ES
IE.4
Enable UART interrupt.
IE.5
(Reserved).
IE.6
(Reserved).
EA
IE.7
Enable all interrupts.
6.8.2. Interrupt Priority Structure:
Each interrupt source can be assigned one of two priority
levels. Interrupt priority levels are defined by the
interrupt priority register (IP SFR). Setting a bit in the
interrupt priority register selects a high priority
interrupt, clearing it selects a low priority interrupt.
IP: Interrupt Priority Register
MSB
SFR B8h
LSB
PS
PT1
PX1
PT0
PX0
Symbol
Position
Name and Function
PX0
IP.0
External interrupt 0 priority level.
PT0
IP.1
Timer 0 interrupt priority level.
PX1
IP.2
External interrupt 1 priority level.
PT1
IP.3
Timer 1 interrupt priority level.
PS
IP.4
UART interrupt priority level.
IP.5
(Reserved).
IP.6
(Reserved).
IP.7
(Unused).


Numéro de pièce similaire - TSC8051C2XXX16CBR

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
TSC8051C1XXX-12CAB TEMIC-TSC8051C1XXX-12CAB Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C1XXX-12CAD TEMIC-TSC8051C1XXX-12CAD Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C1XXX-12CAR TEMIC-TSC8051C1XXX-12CAR Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C1XXX-12CBB TEMIC-TSC8051C1XXX-12CBB Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C1XXX-12CBD TEMIC-TSC8051C1XXX-12CBD Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
More results

Description similaire - TSC8051C2XXX16CBR

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
TSC51C1 TEMIC-TSC51C1 Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
logo
List of Unclassifed Man...
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
ML610Q793 ETC2-ML610Q793 Datasheet
527Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
LAPIS Semiconductor Co....
ML610Q793 LAPIS-ML610Q793 Datasheet
444Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com