Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STQ-1016Z Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce STQ-1016Z
Description  Reliability Qualification Report
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

STQ-1016Z Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

  STQ-1016Z Datasheet HTML 1Page - List of Unclassifed Manufacturers STQ-1016Z Datasheet HTML 2Page - List of Unclassifed Manufacturers STQ-1016Z Datasheet HTML 3Page - List of Unclassifed Manufacturers STQ-1016Z Datasheet HTML 4Page - List of Unclassifed Manufacturers STQ-1016Z Datasheet HTML 5Page - List of Unclassifed Manufacturers STQ-1016Z Datasheet HTML 6Page - List of Unclassifed Manufacturers STQ-1016Z Datasheet HTML 7Page - List of Unclassifed Manufacturers STQ-1016Z Datasheet HTML 8Page - List of Unclassifed Manufacturers STQ-1016Z Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Pass
27
T
amb=150°C
1000 hours
JESD22-A103B
High Temperature
Storage
D
Pass
Pass
27
20
T
amb=-40°C
1000 hours
T
amb=-65°C
1000 hours
Low Temperature
Storage
C
Pass
30
15
Dip & Look
Steam Age Condition C
Dip Condition A, 215°C
JESD22-B102C
Dip & Look
Steam Age Condition C
Dip Condition B, 245°C
JESD22-B102C
Solderability
G
Pass
10
T
amb=60°C, 90%RH
1800 hours
NEMI
Tin Whisker
F
Group
Results
Sample Size
Test Condition/
Standard
Test Name
XI. Qualification Test Results
STQ-2016Z Reliability Qualification Report


Numéro de pièce similaire - STQ-1016Z

FabricantNo de pièceFiches techniqueDescription
logo
SIRENZA MICRODEVICES
STQ-1016Z SIRENZA-STQ-1016Z Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
More results

Description similaire - STQ-1016Z

FabricantNo de pièceFiches techniqueDescription
logo
Stanford Microdevices
SGA-8343X STANFORD-SGA-8343X Datasheet
178Kb / 9P
   Reliability Qualification Report
SGA-9189 STANFORD-SGA-9189 Datasheet
448Kb / 5P
   Reliability Qualification Report
logo
Tyco Electronics
3-1461491-5 MACOM-3-1461491-5 Datasheet
369Kb / 40P
   Qualification Test Report
logo
California Eastern Labs
GET-30593 CEL-GET-30593 Datasheet
362Kb / 7P
   Qualification Test Report on NE681XX
GET-BC-0004 CEL-GET-BC-0004 Datasheet
606Kb / 20P
   Qualification Test Report on NE292
logo
Alpha & Omega Semicondu...
AOB10B65M1 AOSMD-AOB10B65M1 Datasheet
100Kb / 3P
   This AOS product reliability report summarizes the qualification result for AOB10B65M1
logo
Maxim Integrated Produc...
32TSOP MAXIM-32TSOP Datasheet
33Kb / 11P
   PACKAGE RELIABILITY REPORT
10/29/2004
logo
Infineon Technologies A...
BFS483 INFINEON-BFS483_13 Datasheet
566Kb / 6P
   Qualification report according to AEC-Q101 available
2013-07-25
logo
Lumileds Lighting Compa...
RD12 LUMILEDS-RD12 Datasheet
399Kb / 2P
   SnapLED Qualification Reliability Testing
logo
List of Unclassifed Man...
DS1208 ETC-DS1208 Datasheet
18Kb / 5P
   dallas semiconductor reliability report
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com