Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

VNQ5050K-E Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce VNQ5050K-E
Description  QUAD CHANNEL HIGH SIDE DRIVER FOR AUTOMOTIVE APPLICATIONS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ5050K-E Fiches technique(HTML) 3 Page - STMicroelectronics

  VNQ5050K-E Datasheet HTML 1Page - STMicroelectronics VNQ5050K-E Datasheet HTML 2Page - STMicroelectronics VNQ5050K-E Datasheet HTML 3Page - STMicroelectronics VNQ5050K-E Datasheet HTML 4Page - STMicroelectronics VNQ5050K-E Datasheet HTML 5Page - STMicroelectronics VNQ5050K-E Datasheet HTML 6Page - STMicroelectronics VNQ5050K-E Datasheet HTML 7Page - STMicroelectronics VNQ5050K-E Datasheet HTML 8Page - STMicroelectronics VNQ5050K-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
VNQ5050K-E
Figure 4. Configuration Diagram (Top View) & Suggested Connections For Unused and n.c. Pins
Table 4. Absolute Maximum Ratings
Table 5. Thermal Data
Note: 1. When mounted on a standard single-sided FR-4 board with 1 cm2 of Cu (at least 35
µm thick) connected to TAB.
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
41
V
- VCC
Reverse DC Supply Voltage
- 0.3
V
- IGND
DC Reverse Ground Pin Current
- 200
mA
IOUT
DC Output Current
Internally Limited
A
- IOUT
Reverse DC Output Current
- 15
A
IIN
DC Input Current
+10/-1
mA
ISTAT
DC Status Current
+10/-1
mA
VESD
Electrostatic discharge (R=1.5k
Ω; C=100pF)
2000
V
Tj
Junction Operating Temperature
-40 to 150
°C
Tstg
Storage Temperature
- 55 to 150
°C
Symbol
Parameter
Value
Unit
Rthj-case
Thermal Resistance Junction-case
1.7
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
52 (1)
°C/W
1
2
3
4
5
6
7
8
9
10
INPUT2
INPUT3
STATUS3
STATUS2
GND
VCC
11
12
INPUT1
STATUS1
INPUT4
STATUS4
VCC
24
23
22
21
20
19
18
17
16
15
14
13
OUTPUT2
OUTPUT3
OUTPUT3
OUTPUT2
OUTPUT1
OUTPUT1
OUTPUT2
OUTPUT3
OUTPUT4
OUTPUT4
OUTPUT4
OUTPUT1
STAT_DIS
Connection / Pin Status
N.C.
Output
Input
Floating
X
X
X
X
To Ground
X
Through 10K
Ω resistor
TAB = VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn