Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCP-5-3.3-D24N Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce BCP-5-3.3-D24N
Description  Dual Output Mixed Voltage, BCP Models
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

BCP-5-3.3-D24N Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  BCP-5-3.3-D24N Datasheet HTML 1Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 2Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 3Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 4Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 5Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 6Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 7Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 8Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
75W , DU AL OUTPUT , MIXED-V OL T A GE DC/DC CONVER TERS
XCP Series
5V & 3.3V Outputs/Returns
The BCP Series outputs (pins 7 & 10) and returns (pins 6 & 9) are isolated
from the +VIN and –VIN inputs (pins 4 & 1) via a transformer and opto-coupled
transistors.
The +5V Return (pin 6) and +3.3V Return (pin 9) are connected internal
to the DC/DC converter. Though the returns are common within the DC/DC
converter, the regulating control loop for each output is sensed directly at its
respective output and return pins. In order to maintain optimum regulation if
ground plane is not used, it is critical that PC board layouts also return each
output to its corresponding return pin.
Filtering and Noise Reduction
All BCP DC/DC Converters achieve their rated ripple and noise specifications
using the external input and output capacitors specified in the Performance/
Functional Specifications table. In critical applications, input/output noise may
be further reduced by installing additional external I/O caps. Input capacitors
should be selected for bulk capacitance, low ESR and high rms-ripple-current
ratings. Output capacitors should be selected for low ESR and appropriate
frequency response. All caps should have appropriate voltage ratings and be
mounted as close to the converters as possible.
The most effective combination of external I/O capacitors will be a function of
your particular load and layout conditions. Our Applications Engineers will be
pleased to recommend potential solutions and can discuss the possibility of
our modifying a device’s internal filtering to meet your specific requirements.
Contact our Applications Engineering Group for additional details.
Input Fusing
Certain applications and/or safety agencies may require the installation of
fuses at the inputs of power conversion components. Fuses should also be
used if the possibility of sustained, non-current-limited, input-voltage polarity
reversals exists. For DATEL BCP DC/DC Converters, you should use slow-
blow type fuses with values no greater than the following.
VIN Range
Fuse Value
"D24" Models
6 Amps
"D48" Models
4 Amps
Fuses should be installed in the +Input line.
Input Overvoltage/Undervoltage Shutdown and Start-Up Threshold
Under normal start-up conditions, devices will not begin to regulate until
the ramping-up input voltage exceeds the Start-Up Threshold Voltage (35V
for "D48" models). Once operating, devices will not turn off until the input
voltage drops below the Undervoltage Shutdown limit (32V for "D48" models).
Subsequent re-start will not occur until the input is brought back up to the
Start-Up Threshold. This built-in hysteresis prevents any unstable on/off
situations from occurring at a single voltage.
Input voltages exceeding the input overvoltage shutdown specification listed
in the Performance/Functional Specifications will cause the device to shut-
down. A built-in hysteresis (2V typical for "D24" models, 4V typical for
"D48" models) will not allow the converter to restart until the input voltage
is sufficiently reduced.
Start-Up Time
The VIN to VOUT start-up time is the interval between the time at which
a ramping input voltage crosses the turn-on threshold point and the fully-
loaded output voltage enters and remains within its specified accuracy band.
Actual measured times will vary with input source impedance, external input
capacitance, and the slew rate and final value of the input voltage as it
appears to the converter.
The On/Off to VOUT start-up time assumes the converter has its nominal input
voltage applied but is turned off via the On/Off Control. The specification
defines the interval between the time at which the converter is turned on
and the fully loaded output voltage enters and remains within its specified
accuracy band.
On/Off Control (Standard feature)
The On/Off Control (pin 3) may be used for remote on/off operation. As shown
in Figure 1A, the control pin is referenced to the –Input (pin 1) and will be
pulled to a high state internally. The standard BCP converter (no suffix) is
designed so that it is enabled when the control pin is left open and disabled
when the control pin is pulled low (to less than +0.6V relative to –Input).
Dynamic control of the on/off function is best accomplished with a mechanical
relay or an open-collector/open-drain drive circuit (optically isolated if
appropriate). The drive circuit should be able to sink approximately 1mA for
logic low.
The on/off control function is designed such that the converter can be dis-
abled (pin 3 pulled low for no-suffix models) while input power is ramping up
and then "released" once the input has stabilized.
For BCP converters configured with the negative-polarity option on the On/Off
Control pin ("N" suffix added to part number), operation is opposite to that
described above. The converter is disabled when the On/Off Control pin is left
open and enabled when pulled low.
TECHNICAL NOTES
Sync Function (Optional feature)
In critical applications employing multiple switching DC/DC converters, it may
be necessary to intentionally synchronize the switching of selected converters.
The BCP Series offers an optional Sync function ("S" suffix) in place of the
On/Off Control on pin 3. The Sync pin will self-configure as either a slave or
master, depending on the circuit application.
Figure 1A. No Suffix
Figure 1B. "N" Suffix
3
1
4
100k
+INPUT
–INPUT
ON/OFF
CONTROL
3
1
4
21k
3.3V
+INPUT
–INPUT
ON/OFF
CONTROL
4


Numéro de pièce similaire - BCP-5-3.3-D24N

FabricantNo de pièceFiches techniqueDescription
logo
BeRex Corporation
BCP020C BEREX-BCP020C Datasheet
294Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C Datasheet
305Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C_18 Datasheet
305Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T Datasheet
624Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T Datasheet
436Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results

Description similaire - BCP-5-3.3-D24N

FabricantNo de pièceFiches techniqueDescription
logo
Murata Power Solutions ...
DLV-3.3 MURATA-PS-DLV-3.3 Datasheet
187Kb / 6P
   Dual Output Mixed Voltage, DLV Models
logo
List of Unclassifed Man...
DSM-5-3.3-D12 ETC1-DSM-5-3.3-D12 Datasheet
175Kb / 7P
   Dual Output Mixed Voltage, DSM Models
logo
C&D Technologies
BWR-15 CANDD-BWR-15 Datasheet
433Kb / 6P
   Dual Output A-Series, BWR Models
logo
Murata Manufacturing Co...
UEP-3.3-4500-D12 MURATA-UEP-3.3-4500-D12 Datasheet
863Kb / 11P
   Single Output UEP Models
logo
List of Unclassifed Man...
UHP-3-3-30-D48 ETC-UHP-3-3-30-D48 Datasheet
69Kb / 4P
   Single Output UHP Models
9171 ETC2-9171 Datasheet
2Mb / 6P
   Single and dual output models with up to 210W output power
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
BWR-15-330-D48A-C MURATA-BWR-15-330-D48A-C Datasheet
151Kb / 5P
   BWR Models 7-10W, Dual Output DC/DC converters
logo
List of Unclassifed Man...
SP50U-T ETC1-SP50U-T Datasheet
287Kb / 2P
   50 AND 80 WATT TRIIPLE OUTPUT MODELS
logo
Volgen Kaga Electronics...
SP80U-0522T VOLGEN-SP80U-0522T Datasheet
282Kb / 2P
   50 AND 80 WATT TRIIPLE OUTPUT MODELS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL