Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AIC1648 Fiches technique(PDF) 2 Page - Analog Intergrations Corporation

No de pièce AIC1648
Description  Built-in OVP White LED Step-Up Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1648 Fiches technique(HTML) 2 Page - Analog Intergrations Corporation

  AIC1648 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1648 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1648 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1648 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1648 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1648 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1648 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1648 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1648 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AIC1648
ORDERING INFORMATION
ORDER NUMBER
PIN CONFIGURATION
Example:
AIC1648CGTR
in SOT-23-6 Package & Tape & Reel Packing Type
PACKING TYPE
TR: TAPE & REEL
BG: BAG
PACKAGE TYPE
G: SOT-23-6
C: COMMERCIAL
P: LEAD FREE COMMERCIAL
AIC1648XXXX
GND
SW
3
2
1
4
VIN
6
FB
SHDN
OVP
5
AIC1648CG&PG
(SOT-23-6)
FRONT VIEW
MARKING
Part No.
CG
PG
AIC1648
1648
1648P
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN)
6V
SW Voltage
33V
FB Voltage
6V
SHDN Voltage
6V
OVP Voltage
34V
Operating Temperature Range
–40
°C to 85°C
Maximum Junction Temperature
125
°C
Storage Temperature Range
–65
°C to 150°C
Lead Temperature (Soldering, 10 sec)
260
°C
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
TEST CIRCUIT
L1
10
µH
D1
SW
VIN
OVP
SHDN
FB
GND
AIC1648
VIN
RFB
4.7
C1
1
µF
C2
0.22
µF
ILED
L1: 976AS-100M, TOKO
D1: RB521S-30, ROHM
C1: JMK107BJ105KA, TAIYO YUDEN
C2: EMK212BJ224KG, TAIYO YUDEN
2


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
LT3466 Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes 1  2  3  4  5  More Linear Technology
MAX1582 High-Efficiency 26V Step-Up Converter for White LED Main and Subdisplay Backlighting 1  2  3  4  5  More Maxim Integrated Products
AIC1647 WHITE LED STEP-UP CONVERTER IN SOT23 1  2  3  4  5  More Analog Intergrations Corporation
MX841 White LED Step-Up Converter 1  2  3  4  5  More IXYS Corporation
G5121 Fixed Frequency White LED Step-Up Converter 1  2  3  4  5  More Global Mixed-mode Technology Inc
LT3465AES6 1.2MHz/2.4MHz White LED Step-Up Converters with Built-In Schottky in ThinSOT 1  2  3  4  5  More Linear Technology
MAX1848 White LED Step-Up Converter in SOT23 1  2  3  4  5  More Maxim Integrated Products
LM3502 Step-Up Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)
A8430 White LED Driver Constant Current Step-up Converter 1  2  3  4  5  More Allegro MicroSystems
LM3500 Synchronous Step-up DC/DC Converter for White LED 1  2  3  4  5  More National Semiconductor (TI)

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn