Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

VN5050J-E Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce VN5050J-E
Description  Single channel high side driver for automotive applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5050J-E Fiches technique(HTML) 4 Page - STMicroelectronics

  VN5050J-E Datasheet HTML 1Page - STMicroelectronics VN5050J-E Datasheet HTML 2Page - STMicroelectronics VN5050J-E Datasheet HTML 3Page - STMicroelectronics VN5050J-E Datasheet HTML 4Page - STMicroelectronics VN5050J-E Datasheet HTML 5Page - STMicroelectronics VN5050J-E Datasheet HTML 6Page - STMicroelectronics VN5050J-E Datasheet HTML 7Page - STMicroelectronics VN5050J-E Datasheet HTML 8Page - STMicroelectronics VN5050J-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Electrical specifications
VN5050J-E
4/23
2
Electrical specifications
Figure 3.
Current and Voltage Conventions
2.1
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
– INPUT
–STATUS
–STAT_DIS
–OUTPUT
–VCC
VF
IGND
VCC
GND
OUTPUT
STAT_DIS
ISD
INPUT
IIN
VSD
VIN
IOUT
VOUT
STATUS
ISTAT
VSTAT
VCC
IS
VF = VOUT - VCC during reverse battery condition
Table 2.
Absolute Maximum Ratings
VCC
DC supply voltage
41
V
-VCC
Reverse DC supply voltage
0.3
V
-IGND
DC reverse ground pin current
200
mA
IOUT
DC output current
Internally limited
A
-IOUT
Reverse DC output current
12
A
IIN
DC input current
+10 / -1
mA
ISTAT
DC status current
+10 / -1
mA
ISTAT_DIS DC status disable current
+10 / -1
mA
EMAX
Maximum switching energy
(L=1.5mH; RL=0Ω; Vbat=13.5V; Tjstart=150°C; IOUT =
IlimL(Typ.) )
51
mJ
VESD
Electrostatic Discharge (Human Body Model: R=1.5K
Ω;
C=100pF)
4000
4000
4000
5000
5000
V
V
V
V
V
VESD
Charge device model (CDM-AEC-Q100-011)
750
V
Tj
Junction operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn