Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

VN5050J-E Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce VN5050J-E
Description  Single channel high side driver for automotive applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5050J-E Fiches technique(HTML) 3 Page - STMicroelectronics

  VN5050J-E Datasheet HTML 1Page - STMicroelectronics VN5050J-E Datasheet HTML 2Page - STMicroelectronics VN5050J-E Datasheet HTML 3Page - STMicroelectronics VN5050J-E Datasheet HTML 4Page - STMicroelectronics VN5050J-E Datasheet HTML 5Page - STMicroelectronics VN5050J-E Datasheet HTML 6Page - STMicroelectronics VN5050J-E Datasheet HTML 7Page - STMicroelectronics VN5050J-E Datasheet HTML 8Page - STMicroelectronics VN5050J-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
VN5050J-E
Block diagram and pin description
3/23
1
Block diagram and pin description
Figure 1.
Block Diagram
Name
Function
Figure 2.
Configuration Diagram (Top View) & Suggested Connections For Unused
and n.c. Pins
Table 1.
Pin Function
VCC
Battery connection
OUTPUT
Power output
GND
Ground connection. Must be reverse battery protected by an external
diode/resistor network
INPUT
Voltage controlled input pin with hysteresis, CMOS compatible. Controls output
switch state
STATUS
Open drain digital diagnostic pin
STAT_DIS
Active high CMOS compatible pin, to disable the STATUS pin
LOGIC
UNDERVOLTAGE
OVERTEMP.
ILIM
PwCLAMP
GND
INPUT
OUTPUT
DRIVER
VCC
CLAMP
VDSLIM
STAT_DIS
STATUS
OPENLOAD ON
OPENLOAD OFF
PwrLIM
VCC
Connection / Pin
Status
N.C.
Output
Input
STAT_DIS
Floating
XXX
XX
To Ground
N.R.
X
N.R.
10K
Ω resistor 10KΩ resistor
TAB = Vcc
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
12
11
10
9
8
7
1
2
3
4
5
6
VCC
VCC
INPUT
STAT_DIS
GND
STATUS
N.R. = Not recommended


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn