Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPV315 Fiches technique(PDF) 2 Page - OPTEK Technologies

No de pièce OPV315
Description  Technical Data
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPTEK [OPTEK Technologies]
Site Internet  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPV315 Fiches technique(HTML) 2 Page - OPTEK Technologies

  OPV315 Datasheet HTML 1Page - OPTEK Technologies OPV315 Datasheet HTML 2Page - OPTEK Technologies OPV315 Datasheet HTML 3Page - OPTEK Technologies OPV315 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Optek Technology, Inc.
Carrollton, Texas 75006
(972) 323-2200
sensors@optekinc.com
www.optekinc.com
September 2003
Issue 2.3
Page 2 of 4
SYMBOL
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
POT
Total Power Out
0.75
mW
IF = 7 mA
ITH
Threshold Current
0.80
3.00
mA
Note1
VF
Forward Voltage
1.60
2.20
V
IF = 7 mA
IR
Reverse Current
35
nA
VR = 5 V
RS
Series Resistance
20
55
ohms
Note 2
η
Slope Efficiency
0.10
mW/mA Note 3
Linearity
0.00
Note 4
λ
Wavelength
840
850
860
nm
∆λ
Optical Bandwidth
0.85
nm
tr
Rise Time
90
ps
20% to 80%
NRI
Relative Intensity Noise
-123
db/Hz
∆lTH/∆T
Temp Coefficient of Threshold Current
±1.0
mA
0°- 70°C, Note 1
∆λ/∆T
Temp Coefficient of Wavelength
0.06
%/°C
0°- 70°C, IF = 7 mA
∆VF∆T
Temperature Coefficient for VF
-2.5
mV/°C
0°- 70°C, IF = 7 mA
∆η/∆T
Temperature Coefficient for Efficiency
-0.5
%/C
0°- 70°C, Note 3
tf
Fall Time
120
ps
80% to 20%
OPV315, OPV315Y Technical Data
NOTES:
(1) Threshold Current is based on the two line intersection method specified in Telcordia GR-468-Core. Line 1 from 4 mA to 6 mA. Line 2 from
0 mA to 1 mA.
(2) Series Resistance is the slope of the Voltage-Current line from 5 to 8 mA.
(3) Slope efficiency, is the slope of the best fit LI line from 5 mA to 8 mA using no larger than .25 mA test interval points.
(4) Using data points taken for slope efficiency above, delta L/delta I shall be calculated for each adjacent pair of points.
Electrical/Optical Characteristics (at 25 C unless otherwise specified)
SYMBOL
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
IRPD
Reverse Current, photo diode
30
nA
VR = 5 V
IM1
Monitor Current
30
µA
IF = 7 mA, VR = 5 V
IM2
Monitor Current
40
µA
PO = 2 mW, VR = 5 V
Photodiode Electrical Characteristics (at 25 C unless otherwise specified)
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.


Numéro de pièce similaire - OPV315

FabricantNo de pièceFiches techniqueDescription
logo
OPTEK Technologies
OPV315AT OPTEK-OPV315AT Datasheet
178Kb / 3P
   Vertical Cavity Surface Emitting Laser in ST Optical Sub-Assembly
logo
TT Electronics.
OPV315AT TTELEC-OPV315AT Datasheet
769Kb / 3P
   Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
logo
OPTEK Technologies
OPV315BT OPTEK-OPV315BT Datasheet
178Kb / 3P
   Vertical Cavity Surface Emitting Laser in ST Optical Sub-Assembly
logo
TT Electronics.
OPV315F TTELEC-OPV315F Datasheet
226Kb / 5P
   Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
logo
OPTEK Technologies
OPV315YAT OPTEK-OPV315YAT Datasheet
178Kb / 3P
   Vertical Cavity Surface Emitting Laser in ST Optical Sub-Assembly
More results

Description similaire - OPV315

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
   Technical Data
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com