Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STC708T Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce STC708T
Description  UP Supervisor Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

STC708T Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  STC708T Datasheet HTML 1Page - List of Unclassifed Manufacturers STC708T Datasheet HTML 2Page - List of Unclassifed Manufacturers STC708T Datasheet HTML 3Page - List of Unclassifed Manufacturers STC708T Datasheet HTML 4Page - List of Unclassifed Manufacturers STC708T Datasheet HTML 5Page - List of Unclassifed Manufacturers STC708T Datasheet HTML 6Page - List of Unclassifed Manufacturers STC708T Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Data Sheet
STC705-706/706P-707-708-708T/S/R-813L
µµµµµP Supervisor Circuits
--------------------------------------------------------------------------------------------------------------------------------------------------------------------------
STC
Ver1.0
Features
Precision supply-voltage monitor
- 4.63V (STC706L/705, 813L, 708L/707)
- 4.38V (STC706M/706, 813M, 708M/708)
- 3.08V (STC706T, 813T, 708T)
- 2.93V (STC706S, 813S, 708S)
- 2.63V (STC706R, 813R/706P, 708R)
- 2.32V (STC706Z, 813Z, 708Z)
- 2.20V (STC706Y, 813Y, 708Y)
200ms reset pulse width
Debounced TTL/CMOS-compatible manual-
reset input
Independent watchdog timer 1.6sec time-out (not
available for STC707/708/708T/708S/R/Z/Y)
Reset output signal:
- Active-low only (STC705/706/706T/S/R/Z/Y)
- Active-high only (STC813L/M/T/S/R/706P)
- Active-high and active-low (707/708/708T/S/R)
Voltage monitor for power-fail or low battery warning
Guaranteed RESET/RESET valid at V
CC = 1.2V
Introduction
The STC706X/813X/708X family microprocessor
(µP) supervisory circuits are targeted to improve
reliability and accuracy of power-supply circuitry in
µP systems. These devices reduce the complexity and
number of components required to monitor power-
supply and battery functions.
The main functions are:
1. Asserting reset output during power-µp, power-
down and brownout conditions for µP system;
2. Detecting power failure or low-battery conditions
with a 1.25V threshold detector;
3. Watchdog functions (not for STC708x).
Applications
Power-supply circuitry in µP systems


Numéro de pièce similaire - STC708T

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STC722D AUK-STC722D Datasheet
72Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STC722D KODENSHI-STC722D Datasheet
246Kb / 4P
   NPN Silicon Transistor
STC722D KODENSHI-STC722D Datasheet
246Kb / 4P
   NPN Silicon Transistor
logo
Suntac Electronic Corp.
STC733 SUNTAC-STC733 Datasheet
125Kb / 3P
   PNP Silicon Transistor
logo
Suntsu Electronics, Inc...
STC75C SUNTSU-STC75C Datasheet
702Kb / 4P
   Ceramic SMT 10 Pad CMOS (VC)TCXO
More results

Description similaire - STC708T

FabricantNo de pièceFiches techniqueDescription
logo
Pericom Semiconductor C...
PT7A7511-15 PERICOM-PT7A7511-15 Datasheet
370Kb / 9P
   uP Supervisor Circuits
logo
List of Unclassifed Man...
STC809 ETC1-STC809 Datasheet
110Kb / 13P
   UP Supervisor Circuits
logo
Alliance Semiconductor ...
ASM705 ALSC-ASM705 Datasheet
190Kb / 15P
   Low Power UP Supervisor Circuits
AS705 ALSC-AS705 Datasheet
198Kb / 16P
   Low Power uP Supervisor Circuits
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
logo
Pericom Semiconductor C...
PT7A7511 PERICOM-PT7A7511_14 Datasheet
311Kb / 8P
   Supervisor Circuits
logo
Diodes Incorporated
PT7A7511 DIODES-PT7A7511 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin UC Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com