Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPT-18-6027 Fiches technique(PDF) 1 Page - Teledyne Technologies Incorporated

No de pièce TPT-18-6027
Description  Temperature Compensated Power Amplifier 6 GHz - 18 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELEDYNE [Teledyne Technologies Incorporated]
Site Internet  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

TPT-18-6027 Fiches technique(HTML) 1 Page - Teledyne Technologies Incorporated

  TPT-18-6027 Datasheet HTML 1Page - Teledyne Technologies Incorporated TPT-18-6027 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1274 Terra Bella Avenue, Mountain View, CA 94043 • PHN# 800.832.6869 or +1.650.962.6944 • FAX# 650.962.6845
www.teledynemicrowave.com • microwave@teledyne.com
TELEDYNE
MICROWAVE
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
Teledyne Microwave amplifiers are balanced or feedback
designs and manufactured with the latest MIC & MMIC
technology. The GaAs FET’s used in these amplifiers are well
established proven devices from multiple sources.
Specifications:
Model Number:
Frequency Range:
Gain (min):
Noise Figure (max):
Output Power @ 1dB Compression:
Gain Flatness Vs Frequency:
3rd Order Intercept (Typ):
Power Supply:
Input Voltage: 11.5 to 15 VDC
Current @ 12 VDC (typ):
Current @ 12 VDC (max):
Case Type (See attached Outline):
Temperature Range:
Teledyne Microwave offers a complete line of Narrow and
broadband Amplifiers covering the frequency range 500 MHz
to 40 GHz. These products are available in either
connectorized packages or as modules. For a complete list of
these products and more, please visit our website.
Other products from Teledyne Microwave include:
Transceivers, Synthesizers, and YIG Products
TPT-18-6027
Temperature Compensated Power Amplifier
6 GHz - 18 GHz
08/05
ISO 9001:2000
6 GHz - 18 GHz
TPT-18-6027
33 dB
Gain Vs Temp at any Frequency: +/-1.25 dB
11 dB
27 dBm
+/-1.75 dB
34 dBm
2480 mA
Contact Factory
HPX10
-54 to +90C
This Power Amplifier offers exceptional performance over the
band 6 GHz to 18 GHz with 27 dBm P1dB output power and 33
dB Gain.


Numéro de pièce similaire - TPT-18-6027

FabricantNo de pièceFiches techniqueDescription
logo
Teledyne Technologies I...
TPT-18-6004 TELEDYNE-TPT-18-6004 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 18 GHz
TPT-18-6005 TELEDYNE-TPT-18-6005 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 18 GHz
TPT-18-6006 TELEDYNE-TPT-18-6006 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 18 GHz
TPT-18-6007 TELEDYNE-TPT-18-6007 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 18 GHz
TPT-18-6008 TELEDYNE-TPT-18-6008 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 18 GHz
More results

Description similaire - TPT-18-6027

FabricantNo de pièceFiches techniqueDescription
logo
Teledyne Technologies I...
CPT-18-6038 TELEDYNE-CPT-18-6038 Datasheet
877Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 18 GHz
TPT-18-6037 TELEDYNE-TPT-18-6037 Datasheet
872Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 18 GHz
CPT-18-6035 TELEDYNE-CPT-18-6035 Datasheet
876Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 18 GHz
TPT-18-6016 TELEDYNE-TPT-18-6016 Datasheet
887Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 18 GHz
CPT-18-6025 TELEDYNE-CPT-18-6025 Datasheet
876Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 18 GHz
CPT-18-6027 TELEDYNE-CPT-18-6027 Datasheet
877Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 18 GHz
TPT-18-6018 TELEDYNE-TPT-18-6018 Datasheet
887Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 18 GHz
CPT-18-6026 TELEDYNE-CPT-18-6026 Datasheet
876Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 18 GHz
TPT-18-6017 TELEDYNE-TPT-18-6017 Datasheet
887Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 18 GHz
TPT-18-6019 TELEDYNE-TPT-18-6019 Datasheet
887Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 18 GHz
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com