Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPT-13-6005 Fiches technique(PDF) 1 Page - Teledyne Technologies Incorporated

No de pièce TPT-13-6005
Description  Temperature Compensated Amplifier 6 GHz - 13 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELEDYNE [Teledyne Technologies Incorporated]
Site Internet  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

TPT-13-6005 Fiches technique(HTML) 1 Page - Teledyne Technologies Incorporated

  TPT-13-6005 Datasheet HTML 1Page - Teledyne Technologies Incorporated TPT-13-6005 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1274 Terra Bella Avenue, Mountain View, CA 94043 • PHN# 800.832.6869 or +1.650.962.6944 • FAX# 650.962.6845
www.teledynemicrowave.com • microwave@teledyne.com
TELEDYNE
MICROWAVE
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
Teledyne Microwave amplifiers are balanced or feedback
designs and manufactured with the latest MIC & MMIC
technology. The GaAs FET’s used in these amplifiers are well
established proven devices from multiple sources.
Specifications:
Model Number:
Frequency Range:
Gain (min):
Noise Figure (max):
Output Power @ 1dB Compression:
Gain Flatness Vs Frequency:
3rd Order Intercept (Typ):
Power Supply:
Input Voltage: 11.5 to 15 VDC
Current @ 12 VDC (typ):
Current @ 12 VDC (max):
Case Type (See attached Outline):
Temperature Range:
Teledyne Microwave offers a complete line of Narrow and
broadband Amplifiers covering the frequency range 500 MHz
to 40 GHz. These products are available in either
connectorized packages or as modules. For a complete list of
these products and more, please visit our website.
Other products from Teledyne Microwave include:
Transceivers, Synthesizers, and YIG Products
TPT-13-6005
Temperature Compensated Amplifier
6 GHz - 13 GHz
08/05
ISO 9001:2000
6 GHz - 13 GHz
TPT-13-6005
36 dB
Gain Vs Temp at any Frequency: +/-1.5 dB
6.5 dB
23 dBm
+/-1.5 dB
30 dBm
410 mA
470 mA
SX6
-54 to +90C
This Amplifier offers exceptional performance over the band 6
GHz to 13 GHz with 23 dBm P1dB output power and 36 dB
Gain.


Numéro de pièce similaire - TPT-13-6005

FabricantNo de pièceFiches techniqueDescription
logo
Teledyne Technologies I...
TPT-13-6003 TELEDYNE-TPT-13-6003 Datasheet
889Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 13 GHz
TPT-13-6004 TELEDYNE-TPT-13-6004 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 13 GHz
TPT-13-6006 TELEDYNE-TPT-13-6006 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 13 GHz
More results

Description similaire - TPT-13-6005

FabricantNo de pièceFiches techniqueDescription
logo
Teledyne Technologies I...
CPT-13-6016 TELEDYNE-CPT-13-6016 Datasheet
892Kb / 3P
   Temperature Compensated Amplifier 6 GHz - 13 GHz
CPT-13-6014 TELEDYNE-CPT-13-6014 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 13 GHz
CMT-13-6003 TELEDYNE-CMT-13-6003 Datasheet
894Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 13 GHz
TMT-13-6003 TELEDYNE-TMT-13-6003 Datasheet
889Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 13 GHz
CPT-13-6004 TELEDYNE-CPT-13-6004 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 13 GHz
CPT-13-6006 TELEDYNE-CPT-13-6006 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 13 GHz
TMT-13-6005 TELEDYNE-TMT-13-6005 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 13 GHz
TPT-13-6004 TELEDYNE-TPT-13-6004 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 13 GHz
TPT-13-6006 TELEDYNE-TPT-13-6006 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 13 GHz
TPT-13-6003 TELEDYNE-TPT-13-6003 Datasheet
889Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 13 GHz
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com