Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STC89C516RD Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce STC89C516RD
Description  STC12C5410AD
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

STC89C516RD Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button STC89C516RD Datasheet HTML 7Page - List of Unclassifed Manufacturers STC89C516RD Datasheet HTML 8Page - List of Unclassifed Manufacturers STC89C516RD Datasheet HTML 9Page - List of Unclassifed Manufacturers STC89C516RD Datasheet HTML 10Page - List of Unclassifed Manufacturers STC89C516RD Datasheet HTML 11Page - List of Unclassifed Manufacturers STC89C516RD Datasheet HTML 12Page - List of Unclassifed Manufacturers STC89C516RD Datasheet HTML 13Page - List of Unclassifed Manufacturers STC89C516RD Datasheet HTML 14Page - List of Unclassifed Manufacturers STC89C516RD Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
11
工作
电压(V)
Flash
 程序
存储器
字节
SRAM
字节
UART
PCA
PWM
A/D
I/O
内置
复位
EEP
ROM
封装
20-Pin
封装
28-Pin
封装
32-Pin
STC12C5401
5.5 - 3.4
1K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5401AD
5.5 - 3.4
1K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5402
5.5 - 3.4
2K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5402AD
5.5 - 3.4
2K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5404
5.5 - 3.4
4K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5404AD
5.5 - 3.4
4K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5406
5.5 - 3.4
6K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5406AD
5.5 - 3.4
6K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5408
5.5 - 3.4
8K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5408AD
5.5 - 3.4
8K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5410
5.5 - 3.4
10K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5410AD
5.5 - 3.4
10K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5412
5.5 - 3.4
12K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5412AD
5.5 - 3.4
12K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5401
2.0 - 3.8
1K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5401AD
2.0 - 3.8
1K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5402
2.0 - 3.8
2K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5402AD
2.0 - 3.8
2K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5404
2.0 - 3.8
4K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5404AD
2.0 - 3.8
4K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5406
2.0 - 3.8
6K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5406AD
2.0 - 3.8
6K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5408
2.0 - 3.8
8K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5408AD
2.0 - 3.8
8K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5410
2.0 - 3.8
10K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5410AD
2.0 - 3.8
10K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5412
2.0 - 3.8
12K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5412AD
2.0 - 3.8
12K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
        STC12C5410AD 系列单片机选型一览表


Numéro de pièce similaire - STC89C516RD

FabricantNo de pièceFiches techniqueDescription
logo
STCmicro Technology Co,...
STC89C516RD STC-STC89C516RD Datasheet
606Kb / 165P
   Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com