Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

XP01554 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce XP01554
Description  Silicon NPN epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XP01554 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  XP01554 Datasheet HTML 1Page - Panasonic Semiconductor XP01554 Datasheet HTML 2Page - Panasonic Semiconductor XP01554 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
XP01554
2
SJJ00150BED
hFE  IC
fT  IE
Cob  VCB
IC  VCE
VCE(sat)  IC
VBE(sat)  IC
220
0.1
µF
50
VCC
= 3 V
VOUT
3.3 k
50
VIN
= 10 V
3.3 k
VBB
= −3 V
VIN
VOUT
ton
90%
10%
90%
10%
toff
(Waveform at A)
VIN
VOUT
10%
10%
tstg
910
0.1
µF
0.1
µF
A
90
VCC
= 10 V
VOUT
500
50
VIN
= 10 V
500
1 k
VBB
= 2 V
ton , toff test circuit
tstg test circuit
Switching time measurement circuit
PC  Ta
0
160
40
120
80
0
250
100
200
50
150
Ambient temperature
T
a (°C)
0
1.2
1.0
0.8
0.2
0.6
0.4
0
120
100
80
60
40
20
Ta
= 25°C
2.5 mA
2.0 mA
1.5 mA
1.0 mA
0.5 mA
IB
= 3.0 mA
Collector-emitter voltage V
CE (V)
0.1
1
10
100
0.01
0.1
1
10
100
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
1
10
100
1 000
0.01
0.1
1
10
100
Ta
= −25°C
25
°C
75
°C
Collector current I
C (mA)
0.1
1
10
100
0
600
500
400
300
200
100
VCE
= 1 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
−1
−10
−100
−1000
0
600
500
400
300
200
100
VCB
= 10 V
Ta
= 25°C
Emitter current I
E (mA)
110
100
0
6
5
4
3
2
1
IE
= 0
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
XP03316 Silicon NPN epitaxial planar type 1  2  3  4  5  Panasonic Semiconductor
2SD1752 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
XN0F256 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SC5845 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SC5788 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
MT6L03AE TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE 1  2  3  Toshiba Semiconductor
2SD0874A Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
XN06501 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SD1706 SILICON NPN EPITAXIAL PLANAR TYPE POWER SWITCHING 1  2  Panasonic Semiconductor
UP04314 Silicon NPN epitaxial planar type Tr1 / Silicon PNP epitaxial planar type Tr2 1  2  3  4  5  Panasonic Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn