Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UF08-10 Datasheet(Fiches technique) 2 Page - First Components International

Numéro de pièce UF08-10
Description  8.0 Amp ULTRAFAST PLASTIC RECTIFIERS
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FCI [First Components International]
Site Internet  http://www.cotra.com.tw/
Logo FCI - First Components International

UF08-10 Datasheet(HTML) 2 Page - First Components International

  UF08-10 Datenblatt HTML 1Page - First Components International UF08-10 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
8.0 Amp ULTRAFAST
PLASTICRECTIFIERS
Page 4-33
Ratingsat
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 Hz
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Forward Current Derating Curve
9
6
3
0
25
50
75 100
150
125
175
Case Temperature (°°°°°C)
8
Rated V
R Applied
Square Wave
DC
Forward Current Derating Curve
Typical Reverse Characteristics
Reverse Voltage (V)
9
8
0
25
100
Reverse Recovery Characteristics
Typical Instantaneous Forward Characteristics
Forward Voltage (V)
Non-Inductive
1 Ω
Non-
Inductive
D.U.T
10Ω
Oscilliscope
Note 1
Pulse
Generator
Note 2
(-)
(+)
50Ω
(-)
(+)
25 VDC
Notes: 1. Rise Time = 7 ns Max.
Impedance = 1 megohm, 22 pF
2. Rise Time = 10 ns Max.
Source Impedance = 50 Ohms
Time Base Set @ 50/100ns/cm
+.5A
0A
-.25A
-1.0A
1 cm
t
RR
6
3
50 75
125 150 175
Ambient Temperature (°°°°°C)
T
J = 25°C
T
J = 175°C
T
J = 100°C
175°C
25°C
150°C
100°C


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn