Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UF08-00 Datasheet(Fiches technique) 1 Page - First Components International

Numéro de pièce UF08-00
Description  8.0 Amp ULTRAFAST PLASTIC RECTIFIERS
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FCI [First Components International]
Site Internet  http://www.cotra.com.tw/
Logo FCI - First Components International

UF08-00 Datasheet(HTML) 1 Page - First Components International

  UF08-00 Datasheet HTML 1Page - First Components International UF08-00 Datenblatt HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
Working Peak Reverse Voltage...V
RWM
DC Blocking Voltage...V
DC
UF08-00 . . . -10 Series
Page 4-32
-00 -01 -01A -02 -03 -04 -05 -06 -07 -08 -09 -10
50 100 150 200 300 400 500 600 700 800 900 1000
50 100 150 200 300 400 500 600 700 800 900 1000
50 100 150 200 300 400 500 600 700 800 900 1000
Data Sheet
8.0 Amp ULTRAFAST
PLASTICRECTIFIERS
Units
............................................. 8.0 ...............................................
............................................. 16 ...............................................
............................................. 100 ...............................................
........................................ -65 to 150 .........................................
Volts
Volts
Volts
Amps
Amps
Amps
°C
Volts
Volts
µAmps
µAmps
°C / W
ns
ns
n ULTRAFAST RECOVERY TIME
n MEETS UL SPECIFICATION 94V-0
n LOW FORWARD VOLTAGE
n HIGH SURGE CAPABILITY
< .... 3.0 ... > < ................................. 2.0 ................................. >
< ... 0.895 .. > < ..... 1.0 ... > < ..... 1.2 ... > < ..... 1.5 ..... >
< ... 0.975 .. > < ..... 1.3 ... > < ..... 1.5 ... > < ..... 1.8 ..... >
< .... 250 ... > < ..... 500 ... > < ..... 500 ... > < ..... 500 ..... >
< .... 5.0 ... > < ..... 10 ... > < ..... 10 ... > < ..... 25 ..... >
< .... 35 ... > < ..... 60 ... > < ..... 60 ... > < ..... 100 ..... >
< .... 25 ... > < ..... 50 ... > < ..... 50 ... > < ..... 75 ..... >
Average Forward Rectified Current...I
F(av)
T
C = 150°C @ Rated VDC
Repetitive Peak Forward Surge Current...I
FM
@ Rated V
DC, Square Wave, 20 kHz, TC = 150°C
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Load Cond., ½ Wave, Single Phase, 60Hz
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage...V
F
@ I
F = 8 Amps, PW = 300µsTC = 150°C
T
C =25°C
Maximum DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
C =150°C
T
C =25°C
Maximum Thermal Resistance...R
θJC
Maximum Reverse Recovery Time...t
RR
I
F = 1.0 Amp, di/dt = 50 Amps/µs
I
F = 0.5 Amps, IR = 1.0 Amps, IRR = 0.25 Amps
JEDEC
TO-220AC
Electrical Characteristics


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn