Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

EGPZ15A Fiches technique(PDF) 1 Page - First Components International

No de pièce EGPZ15A
Description  1.5 Amp Glass Passivated Sintered Fast Efficient Rectifiers Mechanical Dimensions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FCI [First Components International]
Site Internet  http://www.cotra.com.tw/
Logo FCI - First Components International

EGPZ15A Fiches technique(HTML) 1 Page - First Components International

  EGPZ15A Datasheet HTML 1Page - First Components International EGPZ15A Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Mechanical Dimensions
Electrical Characteristics @ 25oC.
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
EGPZ15A . . . 15M Series
Average Forward Rectified Current...I
F(av)
Current 3/8" Lead Length @ T
A = 55°C
Non-Repetitive Peak Forward Surge Current...I
FSM
8.3mS, ½ Sine Wave Superimposed on Rated Load
Forward Voltage @ Rated Forward Current
and 25°C...V
F
DC Reverse Current...I
R(max)
@ Rated DC Blocking Voltage
T
A =25°C
T
A = 125°C
Typical Junction Capacitance...C
J (Note 1)
Maximum Thermal Resistance...R
θJA (Note 2)
Maximum Reverse Recovery Time...t
RR (Note 3)
Operating & Storage Temperature Range...T
J, TSTRG
Preliminary Data Sheet
15A
15B
15D
15G
15J
15K
15M
5 0
100
200
400
600
800
1000
3 5
7 0
140
280
420
560
700
5 0
100
200
400
600
800
1000
............................................. 1.5 ...............................................
............................................. 5 0 ...............................................
Volts
Volts
Volts
Units
Amps
Amps
Volts
............................................. 5.0 ...............................................
............................................. 100 ...............................................
............................................. 2 5 ...............................................
............................................. 3 0 ...............................................
......................................... -65 to 150 ..........................................
µAmps
µAmps
pF
°C/W
nS
°C
Features
n LOWEST COST FOR GLASS SINTERED
FAST EFFICIENT CONSTRUCTION
n LOWEST V
F FOR GLASS SINTERED
FAST EFFICIENT CONSTRUCTION
n TYPICAL I
R < 100 nAmps
n 1.5 AMP OPERATION @ T
A = 55°C, WITH
NO THERMAL RUNAWAY
n SINTERED GLASS CAVITY-FREE
JUNCTION
1.5 Amp Glass Passivated
Sintered Fast Efficient
Rectifiers
< ...................... 5 0 ................... > < ............. 7 5 ........... >
< ............. 1.0 ........... >
1.3
< .............. 1.7 ............ >
.205
.160
1.00 Min.
.031 typ.
.080
.107
JEDEC
D0-41


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn