Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MSK5920-3.3KRHU Fiches technique(PDF) 1 Page - M.S. Kennedy Corporation

No de pièce MSK5920-3.3KRHU
Description  RAD TOLERANT ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSK [M.S. Kennedy Corporation]
Site Internet  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5920-3.3KRHU Fiches technique(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5920-3.3KRHU Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5920-3.3KRHU Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5920-3.3KRHU Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5920-3.3KRHU Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5920-3.3KRHU Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5920-3.3KRHU Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5920-3.3KRHU Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TYPICAL APPLICATIONS
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
MIL-PRF-38534 CERTIFIED
5920RH
SERIES
M.S.KENNEDY CORP.
FEATURES:
Satellite System Power Supplies
Switching Power Supply Post Regulators
Constant Voltage/Current Regulators
Microprocessor Power Supplies
RAD TOLERANT
ULTRA LOW DROPOUT
POSITIVE LINEAR REGULATOR
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
DESCRIPTION:
The MSK 5920RH is a rad tolerant fixed linear regulator capable of delivering 5.0 amps of output current. Typical
dropout is only 0.30 volts with a 3 amp load. An external shutdown function is ideal for power supply sequencing.
This device also has internal latching overload protection. The MSK 5920RH is radiation tolerant and specifically
designed for space/satellite applications. The device is packaged in a hermetically sealed space efficient 5 pin SIP that
is electrically isolated from the internal circuitry allowing for direct heat sinking.
PIN-OUT INFORMATION
VIN
GND
VOUT
SHUTDOWN
N/C
Total Dose Tested to 300K RAD
Ultra Low Dropout for Reduced Power Consumption
External Shutdown Function
Latching Overload Protection
Available in 1.5V,1.9V,2.5V,2.8V,3.3V and 5.0V Output Voltages
Alternate Output Voltages Available
Output Current Limit
Available in 3 Lead Form Options: Straight, Up and Down
Replaces IR OMR9601 and IRUH33P253AIM
Available to DSCC SMD # 5962-05220
1
2
3
4
5
Rev. G 1/06
1


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn