Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MSK5920-3.3KRHU Fiches technique(PDF) 2 Page - M.S. Kennedy Corporation

No de pièce MSK5920-3.3KRHU
Description  RAD TOLERANT ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSK [M.S. Kennedy Corporation]
Site Internet  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5920-3.3KRHU Fiches technique(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5920-3.3KRHU Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5920-3.3KRHU Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5920-3.3KRHU Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5920-3.3KRHU Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5920-3.3KRHU Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5920-3.3KRHU Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5920-3.3KRHU Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Input Voltage Range
Quiescent Current
Output Voltage Tolerance
Line Regulation
Load Regulation
Dropout Voltage
Output Current Limit
Shutdown Threshold
Ripple Rejection
Thermal Resistance
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Power Dissipation
Junction Temperature
ABSOLUTE MAXIMUM RATINGS
+10V
5A
-55°C to +125°C
-40°C to +85°C
Supply Voltage
Output Current
Case Operating Temperature Range
MSK5920K/H/E RH
MSK5920RH
-65°C to +150°C
300°C
See SOA Curve
150°C
1
2
3
4
5
6
7
8
9
10
11
TST
TLD
PD
TC
+VIN
IOUT
TC
Unless otherwise specified, VIN=VOUT+1V, VSHUTDOWN=0V and IOUT=10mA. See figure 2 for typical test circuit.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise requested.
Military grade devices ("H" and "K" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4
TC=+25°C
Subgroup 2,5
TC=+125°C
Subgroup 3,6
TA=-55°C
Output current limit is dependent upon the values of VIN and VOUT. See Figure 1 and typical performance curves.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
VIN shall be as specified or VIN min., whichever is greater.
Not applicable to versions where VIN = VIN Min.
Consult factory for post radiation limits.
NOTES:
Group A
Subgroup
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
4
5,6
-
10mA
≤ IOUT ≤ 1.0A
VIN=6.5V
Not including IOUT
VIN=VOUT+1V
IOUT=1A
IOUT=50mA
VOUT+0.4V
≤ VIN ≤ VOUT+1.3V
50mA
≤ IOUT ≤ 3.0A
VIN
= VOUT+1V
Delta VOUT=1% IOUT=2.5A
VIN=VOUT+1V Overcurrent Latch Up
VOUT
≤ 0.2V (OFF)
VOUT=Nominal (ON)
f=120Hz
IOUT
= 50mA
Junction to Case @ 125°C Output Device
Typ.
-
-
14
14
±0.1
-
±0.1
-
±0.06
-
0.22
0.26
-
-
1.3
1.3
-
-
2.2
Test Conditions
Max.
6.5
6.5
20
20
±1.0
±2.5
±0.50
±2.5
±0.80
±2.5
0.40
0.40
5
5
1.6
1.6
-
-
4.0
Min.
2.9
2.9
-
-
-
-
-
-
-
-
-
-
3.0
3.0
1.0
1.0
65
65
-
Min.
2.9
-
-
-
-
-
-
-
-
-
-
-
3.0
-
1.0
-
65
-
-
Max.
6.5
-
20
-
±1.2
-
±0.60
-
±1.0
-
0.45
-
5
-
1.6
-
-
-
4.0
Typ.
-
-
14
-
±0.1
-
0.01
-
0.06
-
0.22
-
-
-
1.3
-
-
-
2.2
V
V
mA
mA
%
%
%
%
%
%
V
V
A
A
V
V
dB
dB
°C/W
MSK5920K/H/E RH
MSK5920RH
Parameter
ELECTRICAL SPECIFICATIONS
2
Units
1
2
2
7
2
8
PART NUMBER
MSK5920-1.5
MSK5920-1.9
MSK5920-2.5
MSK5920-2.8
MSK5920-3.3
MSK5920-5.0
OUTPUT VOLTAGE
+1.5V
+1.9V
+2.5V
+2.8V
+3.3V
+5.0V
9
9
9
7
Rev. G
1/06
10
11


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn