Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MSK5910RHG Fiches technique(PDF) 1 Page - M.S. Kennedy Corporation

No de pièce MSK5910RHG
Description  RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSK [M.S. Kennedy Corporation]
Site Internet  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5910RHG Fiches technique(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5910RHG Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5910RHG Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5910RHG Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5910RHG Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5910RHG Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5910RHG Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5910RHG Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5910RHG Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VOUTE
VOUTD
VOUTC
VOUTB
VOUTA
NC
GND2
GND2
GND2
FB
TYPICAL APPLICATIONS
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
MIL-PRF-38534 CERTIFIED
5910RH
M.S.KENNEDY CORP.
FEATURES:
Satellite System Power Supplies
Switching Power Supply Post Regulators
Constant Voltage/Current Regulators
Microprocessor Power Supplies
RAD TOLERANT ULTRA LOW
DROPOUT ADJUSTABLE
POSITIVE LINEAR REGULATOR
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
DESCRIPTION:
The MSK 5910RH is a rad tolerant adjustable linear regulator capable of delivering 5.0 amps of output current.
The typical dropout is only 0.11 volts at 1 amp. An external shutdown/reset function is ideal for power supply
sequencing. This device also has latching overload protection that requires no external current sense resistor. The
MSK 5910RH is radiation tolerant and specifically designed for many space/satellite applications. The device is
packaged in a hermetically sealed 20 pin flatpack that can be lead formed for surface mount applications.
PIN-OUT INFORMATION
VINA
VINB
VINC
VIND
VINE
VBIAS
GND1
GND1
Latch
Shutdown
Total Dose Tested to 300K RAD
Ultra Low Dropout for Reduced Power Consumption
External Shutdown/Reset Function
Latching Overload Protection
Adjustable Output Using Two External Resistors
Output Current Limit
Surface Mount Package Available with Lead Forming
Low Input Voltage for Maximum Efficiency
Up to 5A Output Current
Available to DSCC SMD #5962-05220
1
2
3
4
5
6
7
8
9
10
Rev. I
3/06
1
20
19
18
17
16
15
14
13
12
11


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn