Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MSK5910RHG Fiches technique(PDF) 2 Page - M.S. Kennedy Corporation

No de pièce MSK5910RHG
Description  RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSK [M.S. Kennedy Corporation]
Site Internet  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5910RHG Fiches technique(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5910RHG Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5910RHG Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5910RHG Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5910RHG Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5910RHG Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5910RHG Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5910RHG Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5910RHG Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Input Voltage Range
Input Bias Voltage
Feedback Voltage
Feedback Pin Current
Quiescent Current
Bias Current
Line Regulation
Load Regulation
Dropout Voltage
Minimum Output Current
Output Voltage Range
Output Current Limit
Shutdown Threshold
Shutdown Hysteresis
Ripple Rejection
Phase Margin
Gain Margin
Equivalent Noise Voltage
Thermal Resistance
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Power Dissipation
Junction Temperature
ABSOLUTE MAXIMUM RATINGS
10.0V
10.0V
5A
-55°C to +125°C
-40°C to +85°C
Bias Supply Voltage
Supply Voltage
Output Current
Case Operating Temperature Range
MSK5910K/H/E RH
MSK5910RH
-65°C to +150°C
300°C
See SOA Curve
150°C
1
2
3
4
5
6
7
8
9
TST
TLD
PD
TC
+VBIAS
+VIN
IOUT
TC
Unless otherwise specified, VBIAS=VIN=5.0V, R1=1.62K, VSHUTDOWN=0V and IOUT=10mA. IOUT is subtracted from IQ measurement.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise requested.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4
TC=+25°C
Subgroup 2,5
TC=+125°C
Subgroup 3,6
TA=-55°C
Output current limit is tested with a low duty cycle pulse to minimize junction heating and is dependent on the values of VIN, VOUT and case
temperature. See Typical Performance Curves.
Contact factory for post radiation limits.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
NOTES:
Group A
Subgroup
1,2,3
1,2,3
1
2,3
1,2,3
1,2,3
1,2,3
1
2,3
1
2,3
1
2,3
1
2,3
-
1
2,3
1
2,3
1
2,3
4
5,6
4,5,6
4,5,6
4,5,6
-
10mA
≤ IOUT ≤ 1.0A
VBIAS
≥ VIN
IOUT
= 1.0A R1=187Ω
VFB=1.265V 10mA
≤ IOUT ≤ 1.0A
IIN+IBIAS, VBIAS=VIN=7.5V Not including IOUT
VBIAS=7.5V
IOUT=10mA 2.8V
≤ VIN ≤ 7.5V
R1=187
10mA
≤ IOUT ≤ 1.0A
R1=976
Delta FB=1% IOUT=1.0A
2.8V
≤ VIN ≤ 7.5V
R1=187
VIN=7.5V
VIN=2.5V VOUT=1.5V
VOUT
≤ 0.2V (OFF)
VOUT=Nominal (ON)
Difference between voltage
threshold of VSDI (ON) and VSDI (OFF)
f=1KHz to 10KHz
10mA
≤ IOUT ≤ 1.0A 1.0V=VIN-VOUT
IOUT=450mA
IOUT=45OmA
Referred to Feedback Pin
Junction to Case @ 125°C Output Device
Typ.
-
5.0
1.265
-
-
14
2
±0.01
-
±0.06
-
0.11
0.14
8
9
-
3.6
-
1.3
1.3
0.02
0.03
-
-
80
30
-
7.3
Test Conditions
Max.
7.5
7.5
1.305
1.305
5.0
20
4
±0.50
±0.50
±0.80
±0.80
0.40
0.40
10
10
7.0
4.0
-
1.6
1.6
0.2
0.2
-
-
-
-
50
8.4
Min.
2.0
2.8
1.225
1.225
0
-
-
-
-
-
-
-
-
-
-
1.5
3.2
3.0
1.0
1.0
-
-
20
20
30
10
-
-
Min.
2.0
2.8
1.202
-
0
-
-
-
-
-
-
-
-
-
-
1.5
3.2
-
1.0
-
-
-
20
-
30
10
-
-
Max.
7.5
7.5
1.328
-
5.0
20
4
±0.60
-
±1.0
-
0.45
-
10
-
7.0
4.0
-
1.6
-
0.2
-
-
-
-
-
50
9.0
Typ.
-
5.0
1.265
-
-
14
2
0.01
-
0.06
-
0.11
-
8
-
-
3.6
-
1.3
-
0.02
-
-
-
80
30
-
7.3
V
V
V
V
µA
mA
mA
%VOUT
%VOUT
%VOUT
%VOUT
V
V
mA
mA
V
A
A
V
V
V
V
dB
dB
degrees
dB
µVRMS
°C/W
MSK5910K/H/E
MSK5910
Parameter
ELECTRICAL SPECIFICATIONS
2
Rev. I
3/06
Units
1
8
2
2
2
7
2
2
2
2
2
2
8
2
7
9


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn