Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MSK5900RH Fiches technique(PDF) 1 Page - M.S. Kennedy Corporation

No de pièce MSK5900RH
Description  RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSK [M.S. Kennedy Corporation]
Site Internet  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5900RH Fiches technique(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5900RH Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5900RH Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5900RH Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5900RH Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5900RH Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5900RH Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5900RH Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TYPICAL APPLICATIONS
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
MIL-PRF-38534 CERTIFIED
5900RH
M.S.KENNEDY CORP.
FEATURES:
Satellite System Power Supplies
Switching Power Supply Post Regulators
Constant Voltage/Current Regulators
Microprocessor Power Supplies
RAD TOLERANT ULTRA LOW
DROPOUT ADJUSTABLE
POSITIVE LINEAR REGULATOR
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
DESCRIPTION:
The MSK 5900RH is a rad tolerant adjustable linear regulator capable of delivering 4.0 amps of output current.
Typical dropout is only 0.30 volts with a 1.5 amp load. An external shutdown/reset function is ideal for power supply
sequencing. This device also has latching overload protection that requires no external current sense resistor. The
MSK 5900RH is radiation tolerant to 300K RAD and specifically designed for many space/satellite applications. The
device is packaged in a hermetically sealed 12 pin flatpack that is lead formed for surface mount applications.
PIN-OUT INFORMATION
VIN A
VIN B
VIN C
GND 1
Latch
Shutdown
Total Dose Tested to 300K RAD
Ultra Low Dropout for Reduced Power Consumption
External Shutdown/Reset Function
Latching Overload Protection
Adjustable Output Using Two External Resistors
Output Current Limit
Surface Mount Package
Available to DSCC SMD # 5962-05220
1
2
3
4
5
6
Rev. F 2/06
1
VOUT A
VOUT B
VOUT C
GND 2
GND 2
FB
12
11
10
9
8
7


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn