Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI6543DQ Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce SI6543DQ
Description  Dual N- and P-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6543DQ Fiches technique(HTML) 4 Page - Vishay Siliconix

  SI6543DQ Datasheet HTML 1Page - Vishay Siliconix SI6543DQ Datasheet HTML 2Page - Vishay Siliconix SI6543DQ Datasheet HTML 3Page - Vishay Siliconix SI6543DQ Datasheet HTML 4Page - Vishay Siliconix SI6543DQ Datasheet HTML 5Page - Vishay Siliconix SI6543DQ Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Si6543DQ
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-4
Document Number: 70181
S-49534—Rev. C, 06-Oct-97
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
NCHANNEL
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
2
1
0.1
0.01
10–4
10–3
10–2
10–1
110
30
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 125_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
Notes:
4. Surface Mounted
PDM
t2
0
0.04
0.08
0.12
0.16
0.20
024
68
10
–1.0
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
–50
–25
0
25
50
75
100
125
150
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
Single Pulse Power
Square Wave Pulse Duration (sec)
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
TJ – Temperature (_C)
TJ = 150_C
TJ = 25_C
ID = 3.9 A
ID = 250 µA
20
10
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Time (sec)
30
25
20
15
10
5
0
0.01
0.1
1
10
30


Numéro de pièce similaire - SI6543DQ

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI6542DQ VISHAY-SI6542DQ Datasheet
80Kb / 6P
   Dual N- and P-Channel 20-V (D-S) MOSFET
Rev. F, 01-May-00
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI6544BDQ VISHAY-SI6544BDQ Datasheet
142Kb / 9P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 12-May-08
SI6544BDQ VISHAY-SI6544BDQ Datasheet
134Kb / 9P
   N- and P-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI6544BDQ VISHAY-SI6544BDQ_08 Datasheet
142Kb / 9P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 12-May-08
More results

Description similaire - SI6543DQ

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com