Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC128S052 Fiches technique(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce ADC128S052
Description  8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC128S052 Fiches technique(HTML) 2 Page - National Semiconductor (TI)

  ADC128S052 Datasheet HTML 1Page - National Semiconductor (TI) ADC128S052 Datasheet HTML 2Page - National Semiconductor (TI) ADC128S052 Datasheet HTML 3Page - National Semiconductor (TI) ADC128S052 Datasheet HTML 4Page - National Semiconductor (TI) ADC128S052 Datasheet HTML 5Page - National Semiconductor (TI) ADC128S052 Datasheet HTML 6Page - National Semiconductor (TI) ADC128S052 Datasheet HTML 7Page - National Semiconductor (TI) ADC128S052 Datasheet HTML 8Page - National Semiconductor (TI) ADC128S052 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Block Diagram
20162607
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
4 - 11
IN0 to IN7
Analog inputs. These signals can range from 0V to V
REF.
DIGITAL I/O
16
SCLK
Digital clock input. The guaranteed performance range of
frequencies for this input is 3.2 MHz to 8 MHz. This clock
directly controls the conversion and readout processes.
15
DOUT
Digital data output. The output samples are clocked out of this
pin on the falling edges of the SCLK pin.
14
DIN
Digital data input. The ADC128S052’s Control Register is
loaded through this pin on rising edges of the SCLK pin.
1CS
Chip select. On the falling edge of CS, a conversion process
begins. Conversions continue as long as CS is held low.
POWER SUPPLY
2V
A
Positive analog supply pin. This voltage is also used as the
reference voltage. This pin should be connected to a quiet
+2.7V to +5.25V source and bypassed to GND with 1 µF and
0.1 µF monolithic ceramic capacitors located within 1 cm of
the power pin.
13
V
D
Positive digital supply pin. This pin should be connected to a
+2.7V to V
A supply, and bypassed to GND with a 0.1 µF
monolithic ceramic capacitor located within 1 cm of the power
pin.
3
AGND
The ground return for the analog supply and signals.
12
DGND
The ground return for the digital supply and signals.
www.national.com
2


Numéro de pièce similaire - ADC128S052

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC128S052 TI1-ADC128S052 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052-Q1 TI1-ADC128S052-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results

Description similaire - ADC128S052

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com