Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC2812S Fiches technique(PDF) 4 Page - M.S. Kennedy Corporation

No de pièce DAC2812S
Description  5.4W DC-DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSK [M.S. Kennedy Corporation]
Site Internet  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DAC2812S Fiches technique(HTML) 4 Page - M.S. Kennedy Corporation

  DAC2812S Datasheet HTML 1Page - M.S. Kennedy Corporation DAC2812S Datasheet HTML 2Page - M.S. Kennedy Corporation DAC2812S Datasheet HTML 3Page - M.S. Kennedy Corporation DAC2812S Datasheet HTML 4Page - M.S. Kennedy Corporation DAC2812S Datasheet HTML 5Page - M.S. Kennedy Corporation DAC2812S Datasheet HTML 6Page - M.S. Kennedy Corporation DAC2812S Datasheet HTML 7Page - M.S. Kennedy Corporation DAC2812S Datasheet HTML 8Page - M.S. Kennedy Corporation DAC2812S Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BW=10KHz to 2MHz
LIN=2µH
VIN=16,28 and 40VDC
IOUT=0,167 and 333mA
VIN=16,28 and 40VDC
IOUT=0,167 and 333mA
IOUT=167mA to/from 333mA
Transition TIme=30µS
IOUT=167mA to/from 333mA
Transition TIme=30µS
VIN=16V to/from 40V
Transition Time=30µS
VIN=16V to/from 40V
Transition Time=30µS
POUT=5.4W MAX.
POUT=5W MAX.
Enabled, IOUT=0mA
Disabled IOUT=0mA
No Effect on DC Performance
Input to output or any pin to case @ 500V
RPOT=50K
11V
≤VIN≤50V
16V
≤VIN≤40V
BW=10KHz to 2MHz
ELECTRICAL SPECIFICATIONS
Rev. C 7/04
4
1
2
3
4
5
6
7
8
+VIN = 28V, IOUT = 333mA, TA=TC=25°C unless otherwise specified.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1, 2, 3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1, 4 TA=TC=+25°C
2, 5 TA=TC=+125°C
3, 6 TA=TC= -55°C
Device has internal shutdown feature that pulses the output with a low duty cycle during faults.
Consult DSCC SMD for electrical parameters for devices purchased as such.
NOTES:
Capacitive Load
Isolation
Short Circuit Current Limit
Switching Frequency
VOUT Adjustment Range
VDC
VDC
mA
mA
mA
mA
mVrms
mVrms
mAp-p
mAp-p
mV
mV
mV
mV
%
%
mV
mV
µS
µS
mV
mV
µS
µS
mV
mV
mS
mS
µS
µS
mS
V
V
mA
mA
µF
M
A
KHz
%
Min.
14.90
14.70
333
333
360
360
-
-
-
-
-
-
-
-
63
61
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
16
11
-
-
-
100
0.40
375
±10
Output Voltage
Output Voltage Ripple
Input Current Ripple
Line Regulation
Load Regulation
Efficiency
Step Load Response
Step Load Recovery
Step Line Response
Step Line Recovery
Start Up Overshoot
Start Up Delay
Shutdown Delay
Parameter
Test Conditions 1
Max.
15.10
15.30
-
-
-
-
60
100
125
200
±25
±50
±25
±50
-
-
±600
±750
200
200
±500
±500
200
200
200
200
60
60
500
500
60
40
50
50
2.5
300
-
1.5
425
-
DAC2815S
DAC2815S H/E
Input Voltage Range
Output Current
Units
Typ.
15.00
15.00
-
-
-
-
15
-
76
-
±5
-
±5
-
68
-
±400
-
100
-
±200
-
90
-
0
0
40
-
250
-
40
-
-
35
1.25
-
-
0.95
400
-
Group A
Subgroup
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
4
5,6
4
5,6
4
5,6
4
5,6
4
5,6
4
5,6
4
5,6
-
1,2,3
1,2,3
1,2,3
1,2,3
1,2,3
1
1
4
1
7
2
Min.
14.85
-
333
-
360
-
-
-
-
-
-
-
-
-
63
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
16
11
-
-
-
100
0.40
375
±10
Max.
15.15
-
-
-
-
-
60
-
125
-
±30
-
±30
-
-
-
±600
-
200
-
±500
-
200
-
200
-
60
-
500
-
60
40
50
50
2.5
300
-
1.5
425
-
Typ.
12.0
-
-
-
-
-
15
-
76
-
±5
-
±5
-
68
-
±400
-
100
-
±200
-
90
-
0
-
40
-
250
-
40
-
-
35
1.25
-
-
0.95
400
-
Shutdown Recovery
Quiescent Current
2
2
2
2
2
2
DAC2815S
2


Numéro de pièce similaire - DAC2812S

FabricantNo de pièceFiches techniqueDescription
logo
M.S. Kennedy Corporatio...
DAC2812S MSK-DAC2812S_15 Datasheet
484Kb / 9P
   Surface Mount Magnetics
More results

Description similaire - DAC2812S

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com