Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC8831IRGYT Fiches technique(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce DAC8831IRGYT
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8831IRGYT Fiches technique(HTML) 2 Page - Burr-Brown (TI)

  DAC8831IRGYT Datasheet HTML 1Page - Burr-Brown (TI) DAC8831IRGYT Datasheet HTML 2Page - Burr-Brown (TI) DAC8831IRGYT Datasheet HTML 3Page - Burr-Brown (TI) DAC8831IRGYT Datasheet HTML 4Page - Burr-Brown (TI) DAC8831IRGYT Datasheet HTML 5Page - Burr-Brown (TI) DAC8831IRGYT Datasheet HTML 6Page - Burr-Brown (TI) DAC8831IRGYT Datasheet HTML 7Page - Burr-Brown (TI) DAC8831IRGYT Datasheet HTML 8Page - Burr-Brown (TI) DAC8831IRGYT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DAC8830
DAC8831
SLAS449C – FEBRUARY 2005 – REVISED NOVEMBER 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION(1)
MINIMUM
POWER-
RELATIVE
DIFFERENTIAL
ON
SPECIFIED
TRANSPORT
ACCURACY
NONLINEARITY
RESET
TEMPERATURE
PACKAGE
PACKAGE-
PACKAGE
ORDERING
MEDIA,
PRODUCT
(LSB)
(LSB)
VALUE
RANGE
MARKING
LEAD
DESIGNATOR
NUMBER
QUANTITY
DAC8830ID
Tubes, 75
DAC8830ID
±4
±1
Zero-Code
–40
°C to +85°C
8830I
SO-8
D
DAC8830IDR
Tape and Reel, 2500
DAC8830IBD
Tubes, 75
DAC8830IBD
±2
±1
Zero-Code
–40
°C to +85°C
8830I
SO-8
D
DAC8830IBDR
Tape and Reel, 2500
DAC8830ICD
Tubes, 75
DAC8830ICD
±1
±1
Zero-Code
–40
°C to +85°C
8830I
SO-8
D
DAC8830ICDR
Tape and Reel, 2500
DAC8831ID
Tube, 50
DAC8831ID
±4
±1
Zero-Code
–40
°C to +85°C
8831I
SO-14
D
DAC8831IDR
Tape and Reel, 2500
DAC8831IBD
Tube, 50
DAC8831IBD
±2
±1
Zero-Code
–40
°C to +85°C
8831I
SO-14
D
DAC8831IBDR
Tape and Reel, 2500
DAC8831ICD
Tube, 50
DAC8831ICD
±1
±1
Zero-Code
–40
°C to +85°C
8831I
SO-14
D
DAC8831ICDR
Tape and Reel, 2500
DAC8831IRGYT
Tape and Reel, 250
DAC8831IRGY
±4
±1
Zero-Code
–40
°C to +85°C
8831I
QFN-14
RGY
DAC8831IRGYR
Tape and Reel, 1000
DAC8831IBRGYT
Tape and Reel, 250
DAC8831IBRGY
±2
±1
Zero-Code
–40
°C to +85°C
8831I
QFN-14
RGY
DAC8831IBRGYR
Tape and Reel, 1000
DAC8831ICRGYT
Tape and Reel, 250
DAC8831ICRGY
±1
±1
Zero-Code
–40
°C to +85°C
8831I
QFN-14
RGY
DAC8831ICRGYR
Tape and Reel, 1000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI
website at www.ti.com.
over operating free-air temperature range (unless otherwise noted)(1)
DAC8830, DAC8831
UNIT
VDD to AGND
–0.3 to +7
V
Digital input voltage to DGND
–0.3 to +VDD + 0.3
V
VOUT to AGND
–0.3 to +VDD + 0.3
V
AGND, AGNDF, AGNDS to DGND
–0.3 to +0.3
V
Operating temperature range
–40 to +85
°C
Storage temperature range
–65 to +150
°C
Junction temperature range (TJ max)
+150
°C
Power dissipation
(TJ max - TA) / θJA
W
QFN-14
54.9
°C/W
Thermal impedance,
θ
JA
SO-8
136.9
°C/W
SO-14
66.6
°C/W
(1)
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback


Numéro de pièce similaire - DAC8831IRGYT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC8831IRGYT TI1-DAC8831IRGYT Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8831IRGYTG4 TI1-DAC8831IRGYTG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
More results

Description similaire - DAC8831IRGYT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC8831ICDRG4 TI1-DAC8831ICDRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8832 TI-DAC8832 Datasheet
731Kb / 26P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com