Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC695F-25MA Fiches technique(PDF) 1 Page - ATMEL Corporation

No de pièce TSC695F-25MA
Description  Rad-Hard 32-bit SPARC Embedded Processor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC695F-25MA Fiches technique(HTML) 1 Page - ATMEL Corporation

  TSC695F-25MA Datasheet HTML 1Page - ATMEL Corporation TSC695F-25MA Datasheet HTML 2Page - ATMEL Corporation TSC695F-25MA Datasheet HTML 3Page - ATMEL Corporation TSC695F-25MA Datasheet HTML 4Page - ATMEL Corporation TSC695F-25MA Datasheet HTML 5Page - ATMEL Corporation TSC695F-25MA Datasheet HTML 6Page - ATMEL Corporation TSC695F-25MA Datasheet HTML 7Page - ATMEL Corporation TSC695F-25MA Datasheet HTML 8Page - ATMEL Corporation TSC695F-25MA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Rev. 4118H–AERO–06/03
Features
Integer Unit Based on SPARC V7 High-performance RISC Architecture
Optimized Integrated 32/64-bit Floating-point Unit
On-chip Peripherals
– EDAC and Parity Generator and Checker
– Memory Interface
Chip Select Generator
Waitstate Generation
Memory Protection
–DMA Arbiter
–Timers
General Purpose Timer (GPT)
Real-time Clock Timer (RTCT)
Watchdog Timer (WDT)
– Interrupt Controller with 5 External Inputs
– General Purpose Interface (GPI)
– Dual UART
Speed Optimized Code RAM Interface
8- or 40-bit boot-PROM (Flash) Interface
IEEE 1149.1 Test Access Port (TAP) for Debugging and Test Purposes
Fully Static Design
Performance: 12 MIPs/3 MFlops (Double Precision) at SYSCLK = 15 MHz
Core Consumption: 1.0W Typ. at 20 MIPs/0.7W typ. at 10 MIPs
Operating Range: 4.5V to 5.5V(1) -55
°C to +125°C
Total Dose Radiation Capability (Parametric and Functional): 300 KRADs (Si)
SEU Event Rate Better than 3 E-8 Error/Component/Day (Worst Case)
Latch-up Immunity Better than (LET) 100 MeV-cm2/mg
Quality Grades: ESA SCC, QML Q or V
Package: 256 MQFPF; Bare Die
Note:
1. For 3.3V capability see the TSC695FL datasheet on the Atmel site.
Description
The TSC695F (ERC32 Single-Chip) is a highly integrated, high-performance 32-bit
RISC embedded processor implementing the SPARC architecture V7 specification. It
has been developed with the support of the ESA (European Space Agency), and
offers a full development environment for embedded space applications.
The processor is manufactured using the Atmel 0.5 µm radiation tolerant (
≥ 300
KRADs (Si)) CMOS enhanced process (RTP). It has been specially designed for
space, as it has on-chip concurrent transient and permanent error detection.
The TSC695F includes an on-chip Integer Unit (IU), a Floating Point Unit (FPU), a
Memory Controller and a DMA arbiter. For real-time applications, the TSC695F offers
a high security watchdog, two timers, an interrupt controller, parallel and serial inter-
faces. Fault tolerance is supported using parity on internal/external buses and an
EDAC on the external data bus. The design is highly testable with the support of an
On-Chip Debugger (OCD), and a boundary scan through JTAG interface.
Rad-Hard 32-bit
SPARC
Embedded
Processor
TSC695F


Numéro de pièce similaire - TSC695F-25MA

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
TSC695F-25MA ATMEL-TSC695F-25MA Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695F-25MA-E ATMEL-TSC695F-25MA-E Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
More results

Description similaire - TSC695F-25MA

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F_04 Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695FL ATMEL-TSC695FL Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
AT697F ATMEL-AT697F Datasheet
4Mb / 155P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_06 Datasheet
77Kb / 7P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_09 Datasheet
3Mb / 154P
   Rad-Hard 32 bit SPARC V8 Processor
TSC21020F ATMEL-TSC21020F Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
logo
Freescale Semiconductor...
MCIMX233DJM4C FREESCALE-MCIMX233DJM4C Datasheet
298Kb / 2P
   i.MX233 Applications Processor 32-bit Embedded Microprocessor ??ARM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com