Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC3251 Fiches technique(PDF) 4 Page - Linear Technology

No de pièce LTC3251
Description  500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC3251 Fiches technique(HTML) 4 Page - Linear Technology

  LTC3251 Datasheet HTML 1Page - Linear Technology LTC3251 Datasheet HTML 2Page - Linear Technology LTC3251 Datasheet HTML 3Page - Linear Technology LTC3251 Datasheet HTML 4Page - Linear Technology LTC3251 Datasheet HTML 5Page - Linear Technology LTC3251 Datasheet HTML 6Page - Linear Technology LTC3251 Datasheet HTML 7Page - Linear Technology LTC3251 Datasheet HTML 8Page - Linear Technology LTC3251 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC3251/
LTC3251-1.2/LTC3251-1.5
32511215fa
1.5V Output Voltage vs Supply
Voltage (Burst Mode Operation/
Continuous Mode)
VIN (V)
3
1.52
1.56
1.60
5
3251 G04
1.48
1.44
1.50
1.54
1.58
1.46
1.42
1.40
3.5
4
4.5
5.5
IOUT = 0mA
IOUT = 250mA
IOUT = 500mA
TA = 25°C
1.2V Output Voltage vs Supply
Voltage (Burst Mode Operation/
Continuous Mode)
VIN (V)
2.7
1.300
1.260
1.220
1.180
1.140
1.280
1.240
1.200
1.160
1.120
1.100
4.2
5.2
3251 G05
3.2
3.7
4.7
IOUT = 0mA
IOUT = 500mA
IOUT = 250mA
TA = 25°C
1.5V Output Voltage
vs Supply Voltage
(Super Burst Mode Operation)
VIN (V)
3
1.52
1.56
1.60
5
3251 G06
1.48
1.44
1.50
1.54
1.58
1.46
1.42
1.40
3.5
4
4.5
5.5
TA = 25°C
0mA
10mA
40mA
FB Voltage vs Output Current
(Burst Mode Operation/
Continuous Mode)
1.5V Output Efficiency vs Output
Current (Burst Mode Operation)
IOUT (mA)
0
0.780
0.785
0.790
0.795
0.800
0.805
100
200
300
400
3251 G07
500
600
TA = 25°C
VOUT = 1.5V
IOUT (mA)
0.1
0
10
30
40
50
100
70
1
10
3251 G08
20
80
90
60
100
1000
VIN = 3.3V
MD0 = VIN, MD1 = 0V
VIN = 4V
VIN = 5V
VIN = 3.6V
1.5V Output Efficiency vs Output
Current (Super Burst Mode
Operation)
IOUT (mA)
0.1
0
10
30
40
50
100
70
1
10
3251 G09
20
80
90
60
100
VIN = 3.3V
VIN = 4V
VIN = 5V
VIN = 3.6V
MD0 = MD1 = VIN
TYPICAL PERFOR A CE CHARACTERISTICS
No Load Supply Current
vs Supply Voltage
(Super Burst Mode Operation)
VIN (V)
2.7
20
16
12
8
4
18
14
10
6
2
0
4.2
5.2
3251 G02
3.2
3.7
4.7
85
°C
25
°C
–40
°C
1.2V Output Voltage
vs Supply Voltage
(Super Burst Mode Operation)
1.2V Output Efficiency vs Output
Current (Burst Mode Operation)
VIN (V)
2.7
1.30
1.28
1.26
1.24
1.22
1.20
1.18
1.16
1.14
1.12
1.10
4.2
5.2
3251 G18
3.2
3.7
4.7
0mA
10mA
40mA
TA = 25°C
IOUT (mA)
0.1
100
80
60
40
20
90
70
50
30
10
0
10
1000
3251 G19
1
100
VIN = 2.7V
VIN = 3.5V
VIN = 4.5V
VIN = 3V
MD0 = VIN, MD1 = 0V


Numéro de pièce similaire - LTC3251

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC3251 LINER-LTC3251 Datasheet
268Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LTC3251 LINER-LTC3251 Datasheet
196Kb / 12P
   High Voltage, Low Quiescent Current
LTC3251 LINER-LTC3251 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
logo
Analog Devices
LTC3251 AD-LTC3251 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
Linear Technology
LTC3251-1.2 LINER-LTC3251-1.2 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
More results

Description similaire - LTC3251

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC3251-1.5 LINER-LTC3251-1.5_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251-1.2 LINER-LTC3251-1.2_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251 LINER-LTC3251_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-15 LINER-LTC1911-15 Datasheet
194Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250-1.5 LINER-LTC3250-1.5_15 Datasheet
331Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3250-1.2 LINER-LTC3250-1.2_15 Datasheet
331Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5 Datasheet
209Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5_15 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.8 LINER-LTC1911-1.8_15 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250 LINER-LTC3250 Datasheet
326Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com