Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-400-CGB-156B160 Datasheet(Fiches technique) 1 Page - Vectron International, Inc

Numéro de pièce TC-400-CGB-156B160
Description  Temperature Compensated Crystal Oscillators (TCXO’s)
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VECTRON [Vectron International, Inc]
Site Internet  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TC-400-CGB-156B160 Datasheet(HTML) 1 Page - Vectron International, Inc

  TC-400-CGB-156B160 Datasheet HTML 1Page - Vectron International, Inc TC-400-CGB-156B160 Datenblatt HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Temperature Compensated Crystal Oscillators (TCXO?s)
TC-400 (14/4 Single DIP Series)
Description:
Vectron International has introduced a series of
Temperature Compensated Crystal Oscillators (TCXO?s)
available in frequencies from 2 to 160 MHz.
Features:
? Industry Standard 14/4 Single DIP package
? Frequency from 2 to 160 MHz
? 3.3 Vdc or 5 Vdc operation
? All outputs Available (TTL, HCMOS, PECL, Sine)
Performance Characteristics
Frequency:
Available from 2.0 MHz to 160 MHz
Supply Voltage (Vdd):
5.0 Vdc 5%
(other options are available upon request)
3.3 Vdc 5%
Current:
Current draw will vary greatly depending on frequency and output type.
For this series TCXO typical current draw will be about 15 mA.
Please consult the factory about your exact current requirements.
Output Type:
HCMOS/ACMOS
2.0 to 160 MHz
10 TTL
2.0 to 160 MHz
PECL
10.0 to 160 MHz
0 dBm/50 ohm
16.384 to 77.76 MHz
Temperature Stability:
B-106 - 1.0 x 10-6 over
0C to +50C
Note: Not all stabilities are available
B-156 - 1.5 x 10-6 over
0C to +50C
with all frequency/output combinations.
C-106 - 1.0 x 10-6 over
0C to +70C
Please consult the factory.
C-156 - 1.5 x 10-6 over
0C to +70C
D-156 - 1.5 x 10-6 over -20C to +70C
D-206 - 2.0 x 10-6 over -20C to +70C
F-156 - 1.5 x 10-6 over -40C to +85C
F-256 - 2.5 x 10-6 over -40C to +85C
NOTE: Tighter stabilities and wider temperature ranges are available, please
consult the factory.
Aging (typical):
<10 ppm for ten years @ +70C
Frequency vs. Supply:
<0.2 ppm for a 5% change in supply voltage
Pin 1 Options:
A = Electrical Frequency Adjust -- 10 ppm minimum via external
voltage, 0 to Vdd - positive slope
B = Tri-state -- HCMOS/TTL
Enable/Disable -- PECL
C = No connect -- Initial Accuracy 2.5 ppm @ +25C
Package Size:
20.32 x 12.70 x 10.287 mm (0.80? x 0.50? x 0.405?)
Vectron International ? 267 Lowell Road, Hudson, NH 03051 ? Tel: 1-88-VECTRON-1 ? Web: www.vectron.com
Parameter
Characteristic
58
8798_AA's Vectron
05/30/02
3:11 PM
Page 58


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn