Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-400-CGC-106A160 Datasheet(Fiches technique) 2 Page - Vectron International, Inc

Numéro de pièce TC-400-CGC-106A160
Description  Temperature Compensated Crystal Oscillators (TCXO’s)
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VECTRON [Vectron International, Inc]
Site Internet  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TC-400-CGC-106A160 Datasheet(HTML) 2 Page - Vectron International, Inc

  TC-400-CGC-106A160 Datenblatt HTML 1Page - Vectron International, Inc TC-400-CGC-106A160 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Temperature Compensated Crystal Oscillators (TCXO’s)
TC-400 (14/4 Single DIP Series)
Outline Drawing
10.000
12.800
13.000
16.384
19.440
20.000
20.480
27.000
34.368
38.880
40.000
44.736
51.840
60.000
77.760
114.00
155.52
Pin
Function
1
See pin 1 options
7Gnd
8
Output
14
Supply (Vdd)
Output Option A
B
F
Output
HCMOS/ACMOS
10 TTL
PECL
Voh min..
0.8 (Vdd)
+2.4 Vdc
Vdd - 1.04 Vdc
Vol max.
+0.5 Vdc
+0.5 Vdc
Vcc -1.60 Vdc
Load (typical)
100 k ohm // 10 pF
10 TTL
50 ohms to Vcc -2V
Symmetry
50/50 ±10%
50/50 ±10%
50/50 ±10%
Rise/Fall Time
5 ns max.
10 ns max.
3 ns max.
Output Option
G
Output
Sinewave
Level
0 dBm to +6 dBm
Load
50 ohm
Harmonics/subs
-20 dBc max.
Other Spurious
-60 dBc max.
Ordering Information
TC
Temperature Range
B-106 = ±1.0x10-6 over 0°C to +50°C
B-156 = ±1.5x10-6 over 0°C to +50°C
C-106 = ±1.0x10-6 over 0°C to +70°C
C-156 = ±1.5x10-6 over 0°C to +70°C
D-156 = ±1.5x10-6 over -20°C to +70°C
D-206 = ± 2.0x10-6 over -20°C to +70°C
F-156 = ±1.5x10-6 over -40°C to +85°C
F-256 = ±2.5x10-6 over -40°C to +85°C
Note: Other stabilities are available upon request.
Output Frequency
2.0 MHz to 160 MHz
400
A
D
C
156
A
20.48
Product Family
TC = TCXO
Package
400 = 14/4 DIP
Supply Voltage
C = 5.0 Vdc ±5%
D = 3.3 Vdc ±5%
Output
A = HCMOS/ACMOS
B = 10 TTL
D = PECL
G = 0 dBm / 50 ohm
MHz
Pin 1 Options
A = Electrical Frequency Adjust (Default)
B = Tri-state or Enable/Disable
C = No Connect
Standard Frequencies (MHz)
Output Levels
Logic
Sine
Pin Out
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
(in.)
1
7
8
14
.002)
.051
Dia
(.200)
5.08
59
TCXO
8798_AA's Vectron
05/30/02
3:11 PM
Page 59


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn