Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74LCX16240FT Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TC74LCX16240FT
Description  Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX16240FT Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TC74LCX16240FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC74LCX16240FT
2002-10-1
3
OE
1
2A1-2A4
3A1-3A4
4A1-4A4
1/4
OE
2
OE
3
OE
4
1A1-1A4
1
Y
1
-
4
Y
1
1
Y
2
-
4
Y
2
1
Y
3
-
4
Y
3
1
Y
4
-
4
Y
4
Truth Table
System Diagram
Inputs
Outputs
OE
1
1A1-1A4
1
Y
1
-
4
Y
1
L
L
H
L
H
L
H
X
Z
Inputs
Outputs
OE
2
2A1-2A4
1
Y
2
-
4
Y
2
L
L
H
L
H
L
H
X
Z
Inputs
Outputs
OE
3
3A1-3A4
1
Y
3
-
4
Y
3
L
L
H
L
H
L
H
X
Z
Inputs
Outputs
OE
4
4A1-4A4
1
Y
4
-
4
Y
4
L
L
H
L
H
L
H
X
Z
X: Don’t care
Z: High impedance


Numéro de pièce similaire - TC74LCX16240FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LCX16240FT TOSHIBA-TC74LCX16240FT Datasheet
187Kb / 9P
   Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX16240FT TOSHIBA-TC74LCX16240FT_07 Datasheet
187Kb / 9P
   Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
More results

Description similaire - TC74LCX16240FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LCX16240FT TOSHIBA-TC74LCX16240FT_07 Datasheet
187Kb / 9P
   Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX16240AFT TOSHIBA-TC74LCX16240AFT Datasheet
252Kb / 7P
   LOW-VOLTAGE 16-BIT BUS BUFFER(INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ540FK TOSHIBA-TC7MZ540FK_07 Datasheet
186Kb / 7P
   Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
TC7MZ240FK TOSHIBA-TC7MZ240FK_07 Datasheet
185Kb / 7P
   Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
TC74LCX540F TOSHIBA-TC74LCX540F_10 Datasheet
230Kb / 11P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX240F TOSHIBA-TC74LCX240F Datasheet
193Kb / 9P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX16244FT TOSHIBA-TC74LCX16244FT_07 Datasheet
184Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX16244FT TOSHIBA-TC74LCX16244FT Datasheet
141Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX240F TOSHIBA-TC74LCX240F_07 Datasheet
243Kb / 9P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX540F TOSHIBA-TC74LCX540F_07 Datasheet
246Kb / 10P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com