Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPA644 Fiches technique(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA644
Description  Low Distortion Current Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA644 Fiches technique(HTML) 4 Page - Burr-Brown (TI)

  OPA644 Datasheet HTML 1Page - Burr-Brown (TI) OPA644 Datasheet HTML 2Page - Burr-Brown (TI) OPA644 Datasheet HTML 3Page - Burr-Brown (TI) OPA644 Datasheet HTML 4Page - Burr-Brown (TI) OPA644 Datasheet HTML 5Page - Burr-Brown (TI) OPA644 Datasheet HTML 6Page - Burr-Brown (TI) OPA644 Datasheet HTML 7Page - Burr-Brown (TI) OPA644 Datasheet HTML 8Page - Burr-Brown (TI) OPA644 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
®
OPA644
4
SUPPLY CURRENT vs TEMPERATURE
20
19
18
17
16
–75
–50
–25
0
25
50
75
100
125
Ambient Temperature (°C)
PSR AND CMR vs TEMPERATURE
80
70
60
50
40
–75
–50
–25
0
25
50
75
100
125
PSR+
CMR
PSR–
Temperature (°C)
TYPICAL PERFORMANCE CURVES
At T
A = +25°C, VS = ±5V, RL = 100Ω, CL = 2pF, RFB = 402Ω and all four power supply pins are used, unless otherwise noted. RFB = 25Ω for a gain of +1.
OUTPUT CURRENT vs TEMPERATURE
80
70
60
50
–60
–40
–20
0
20
40
60
80
100
120
140
Ambient Temperature (°C)
I
O+
I
O
HARMONIC DISTORTION vs FREQUENCY
(G = +2, V
O = 2Vp-p, RL = 100Ω)
100k
Frequency (Hz)
1M
10M
100M
–40
–60
–80
–100
2f
O
3f
O
HARMONIC DISTORTION vs FREQUENCY
(G = –1, V
O = 2Vp-p, RL = 100Ω)
100k
Frequency (Hz)
1M
10M
100M
–40
–60
–80
–100
2f
O
3f
O
HARMONIC DISTORTION vs FREQUENCY
(G = +5, V
O = 2Vp-p, RL = 100Ω)
100k
Frequency (Hz)
1M
10M
100M
–40
–60
–80
–100
2f
O
3f
O


Numéro de pièce similaire - OPA644

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640P BURR-BROWN-OPA640P Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results

Description similaire - OPA644

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
logo
Renesas Technology Corp
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com