Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPA644 Fiches technique(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA644
Description  Low Distortion Current Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA644 Fiches technique(HTML) 3 Page - Burr-Brown (TI)

  OPA644 Datasheet HTML 1Page - Burr-Brown (TI) OPA644 Datasheet HTML 2Page - Burr-Brown (TI) OPA644 Datasheet HTML 3Page - Burr-Brown (TI) OPA644 Datasheet HTML 4Page - Burr-Brown (TI) OPA644 Datasheet HTML 5Page - Burr-Brown (TI) OPA644 Datasheet HTML 6Page - Burr-Brown (TI) OPA644 Datasheet HTML 7Page - Burr-Brown (TI) OPA644 Datasheet HTML 8Page - Burr-Brown (TI) OPA644 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
®
OPA644
1
2
3
4
8
7
6
5
+V
S2
(1)
+V
S1
Output
–V
S2
(1)
NC
–Input
+Input
–V
S1
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PIN CONFIGURATION (All Packages)
Top View
SO-8
NOTE: (1) Making use of all four power supply pins is highly recommended,
although not required. Using these four pins, instead of just pins 4 and 7, will
lower the effective pin impedance and substantially lower distortion.
PACKAGE /ORDERING INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
OPA644U, UB
SO-8 Surface Mount
182
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book. (2) The “B” grade of the
SO-8 package will be marked with a “B” by pin 8.
ABSOLUTE MAXIMUM RATINGS
Power Supply ..............................................................................
±5.5VDC
Internal Power Dissipation .......................... See Thermal Considerations
Differential Input Voltage ..................................................................
±1.2V
Input Voltage Range ............................................................................
±V
S
Storage Temperature Range: U, UB ............................ –40
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
(soldering, SO-8 3s) ....................................... +260
°C
Junction Temperature (TJ ) ............................................................ +175°C
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.


Numéro de pièce similaire - OPA644

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640P BURR-BROWN-OPA640P Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results

Description similaire - OPA644

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
logo
Renesas Technology Corp
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com