Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA62735AFLG Fiches technique(PDF) 7 Page - Marktech Corporate

No de pièce TCA62735AFLG
Description  Charge Pump type DC/DC Converter for White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TCA62735AFLG Fiches technique(HTML) 7 Page - Marktech Corporate

Back Button TCA62735AFLG Datasheet HTML 3Page - Marktech Corporate TCA62735AFLG Datasheet HTML 4Page - Marktech Corporate TCA62735AFLG Datasheet HTML 5Page - Marktech Corporate TCA62735AFLG Datasheet HTML 6Page - Marktech Corporate TCA62735AFLG Datasheet HTML 7Page - Marktech Corporate TCA62735AFLG Datasheet HTML 8Page - Marktech Corporate TCA62735AFLG Datasheet HTML 9Page - Marktech Corporate TCA62735AFLG Datasheet HTML 10Page - Marktech Corporate TCA62735AFLG Datasheet HTML 11Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TCA62735AFLG
TENTATIVE
This datasheet is tentative, the values and contents are subject to change without any notice.
2005-04-26 (Page 7 of 12)
Method of Current Dimming control
1) Input PWM signal to SHDN terminal
ILED can be set according to the next expression.
fPWM will recommend 100Hz.
*In this PWM control operation, This IC repeats ON/OFF. In this result, rush current is occur when ON timing with
supplying charge to C2OUT. Please note it.
0.61[V] × 400 × ON Duty[%]
RSET[kΩ]
ILED[mA] =
C1-
C2-
C2+
GND
CTL2
CTL1
CTL0
EN
RSET=12kΩ
CIN=2.2µF
COUT=1.0µF
C1=1.0µF
VIN=3.6V
PWM signal
fPWM=100Hz, ON Duty50%
C2=1.0µF
Ch1 : VPWM
Ch2 : IIN
Ch3 : VOUT
Ch4 : IOUT
PWM Duty vs . IOUT
0
20
40
60
80
100
0
2040
6080
100
PWM Duty (%)


Numéro de pièce similaire - TCA62735AFLG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TCA62735AFLG TOSHIBA-TCA62735AFLG Datasheet
523Kb / 18P
   Charge Pump type DC/DC Converter for White LED Driver
More results

Description similaire - TCA62735AFLG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TCA62735AFLG TOSHIBA-TCA62735AFLG Datasheet
523Kb / 18P
   Charge Pump type DC/DC Converter for White LED Driver
TB62733FTG TOSHIBA-TB62733FTG Datasheet
614Kb / 12P
   Charge Pump type DC/DC Converter for White LED Driver
TCA62753FUG TOSHIBA-TCA62753FUG Datasheet
351Kb / 10P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Fairchild Semiconductor
FAN5609 FAIRCHILD-FAN5609 Datasheet
112Kb / 11P
   LED Driver with Adaptive Charge Pump DC/DC Converter
FAN5607 FAIRCHILD-FAN5607 Datasheet
546Kb / 13P
   LED Driver with Adaptive Charge Pump DC/DC Converter
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com