Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TCA62735AFLG Fiches technique(PDF) 6 Page - Marktech Corporate

No de pièce TCA62735AFLG
Description  Charge Pump type DC/DC Converter for White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TCA62735AFLG Fiches technique(HTML) 6 Page - Marktech Corporate

Back Button TCA62735AFLG Datasheet HTML 2Page - Marktech Corporate TCA62735AFLG Datasheet HTML 3Page - Marktech Corporate TCA62735AFLG Datasheet HTML 4Page - Marktech Corporate TCA62735AFLG Datasheet HTML 5Page - Marktech Corporate TCA62735AFLG Datasheet HTML 6Page - Marktech Corporate TCA62735AFLG Datasheet HTML 7Page - Marktech Corporate TCA62735AFLG Datasheet HTML 8Page - Marktech Corporate TCA62735AFLG Datasheet HTML 9Page - Marktech Corporate TCA62735AFLG Datasheet HTML 10Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TCA62735AFLG
TENTATIVE
This datasheet is tentative, the values and contents are subject to change without any notice.
2005-04-26 (Page 6 of 12)
Method of setting ILED
The current of the terminal ILED1 to 4 is set by resistance RSET connected with the terminal ISET.
ILED can be set according to the next expression.
RSET vs. ILED
0
5
10
15
20
25
30
35
020
40
60
RSET(kΩ)
C1-
C2-
C2+
GND
CTL2
CTL1
CTL0
EN
RSET
CIN=2.2µF
COUT=1.0µF
C1=1.0µF
VIN=2.8V to 4.2V
C2=1.0µF
400 × 0.61[V]
RSET[kΩ]
ILED[mA] =


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
TB62733FTG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Toshiba Semiconductor
TB62732FU The step up type DC-DC converter only for white LED driver lighting 1  2  3  4  5  More Toshiba Semiconductor
ADM8845 Charge Pump Driver for LCD White LED Backlights 1  2  3  4  5  More Analog Devices
AAT3134 High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications 1  2  3  4  5  More List of Unclassifed Manufacturers
AAT3167 High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications 1  2  3  4  5  More Advanced Analogic Technologies
CAT3604 4-Channel Regulated Charge Pump White LED Driver 1  2  3  4  5  More Catalyst Semiconductor
AAT3153 High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications 1  2  3  4  5  More Advanced Analogic Technologies
AAT3169 High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications 1  2  3  4  5  More Advanced Analogic Technologies
TB62731FUG Step-up DC-DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn