Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TB62750FTG Fiches technique(PDF) 9 Page - Marktech Corporate

No de pièce TB62750FTG
Description  Step Up Type DC-DC Converter for White LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62750FTG Fiches technique(HTML) 9 Page - Marktech Corporate

Back Button TB62750FTG Datasheet HTML 2Page - Marktech Corporate TB62750FTG Datasheet HTML 3Page - Marktech Corporate TB62750FTG Datasheet HTML 4Page - Marktech Corporate TB62750FTG Datasheet HTML 5Page - Marktech Corporate TB62750FTG Datasheet HTML 6Page - Marktech Corporate TB62750FTG Datasheet HTML 7Page - Marktech Corporate TB62750FTG Datasheet HTML 8Page - Marktech Corporate TB62750FTG Datasheet HTML 9Page - Marktech Corporate TB62750FTG Datasheet HTML 10Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TB62750FTG
28-Apr-05 (Rev0.2) TB627350FTG (Page. /11)
9
Tentative
Setting the input condenser】
TBD
Setting the output condenser】
TBD
Setting the external inductor】
Operating frequency : 2MHz
The circuit operation has the consecutive mode method. The ability of the output current is changed by the constant
of the inductor.
Soft start function】
This function is built-in to avoid the over-inserting current and the power drop when the flash mode and the light
mode switch.
When the condenser (Approximately 3300pF) is connected to the SS terminal, the rising time becomes about 300μ
s in the flash mode.
OVD function】
OVP voltage: Detecting the over-load at 10.7V(TYP).
When the loaded voltage of OVP rises because of the LED opening or something other,
this function shutdowns the IC.
The operation recovers just after the voltage of OVP falls to 10.7V or less.
TSD function】
MAX 180℃
MIN 120℃


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
TB62732FU The step up type DC-DC converter only for white LED driver lighting 1  2  3  4  5  More Toshiba Semiconductor
TB62734FMG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
TB62752AFUG Step Up Type DC/DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
TB62736FUG Step-up Type DC-DC Converter for White LEDs 1  2  3  4  5  More Marktech Corporate
TB62733FTG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Toshiba Semiconductor
TCA62735AFLG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate
TB62731FUG Step-up DC-DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate
TB62756FUG Step-up Type DC/DC Converter for White LEDs 1  2  3  4  5  More Marktech Corporate
LM3557 Step-Up Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)
NFSW036BT SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn