Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TB62736FUG Fiches technique(PDF) 2 Page - Marktech Corporate

No de pièce TB62736FUG
Description  Step-up Type DC-DC Converter for White LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62736FUG Fiches technique(HTML) 2 Page - Marktech Corporate

  TB62736FUG Datasheet HTML 1Page - Marktech Corporate TB62736FUG Datasheet HTML 2Page - Marktech Corporate TB62736FUG Datasheet HTML 3Page - Marktech Corporate TB62736FUG Datasheet HTML 4Page - Marktech Corporate TB62736FUG Datasheet HTML 5Page - Marktech Corporate TB62736FUG Datasheet HTML 6Page - Marktech Corporate TB62736FUG Datasheet HTML 7Page - Marktech Corporate TB62736FUG Datasheet HTML 8Page - Marktech Corporate TB62736FUG Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TB62736FUG
2004-10-29
2
Block Diagram
Pin Functions
No.
Symbol
Function
1
SHDN
Input pin for IC ON/OFF control and variable LED IF.
0 to 0.5V : Shutdown Mode (IC shutdown)
1.0V to 2.5V : IF = 25 to 100% Variable (Linear Control)
Over 2.5V : IF = 100%
PWM signal input for IF control (see p.5)
2
NC
No Connection or Connected to GND
3
VIN
Supply voltage pin. Supply voltage range : 2.8V to 5.5V
4
SW
DC-DC converter switching pin – switch incorporates N-ch MOSFET
5
GND
Ground pin
6
FB
Connected to the cathode of LED
Note: The NC terminal is not connected to the internal circuit.
Level
Detect
CTL
AMP.
CTL
AMP.
Error
AMP.
Off Time
Control
Mono Multi
Reference
Mono Multi
SW
NC
GND
SHDN
VIN
1
3
4
2
6
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
TB62756FUG Step-up Type DC/DC Converter for White LEDs 1  2  3  4  5  More Marktech Corporate
TB62750FTG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
TB62732FU The step up type DC-DC converter only for white LED driver lighting 1  2  3  4  5  More Toshiba Semiconductor
TB62731FUG Step-up DC-DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate
TB62734FMG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
TB62752AFUG Step Up Type DC/DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
AAT1500 CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS 1  2  3  4  5  More List of Unclassifed Manufacturers
LM3557 Step-Up Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)
TB62733FTG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Toshiba Semiconductor
TCA62735AFLG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn