Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TB62736FUG Fiches technique(PDF) 11 Page - Marktech Corporate

No de pièce TB62736FUG
Description  Step-up Type DC-DC Converter for White LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62736FUG Fiches technique(HTML) 11 Page - Marktech Corporate

Back Button TB62736FUG Datasheet HTML 5Page - Marktech Corporate TB62736FUG Datasheet HTML 6Page - Marktech Corporate TB62736FUG Datasheet HTML 7Page - Marktech Corporate TB62736FUG Datasheet HTML 8Page - Marktech Corporate TB62736FUG Datasheet HTML 9Page - Marktech Corporate TB62736FUG Datasheet HTML 10Page - Marktech Corporate TB62736FUG Datasheet HTML 11Page - Marktech Corporate TB62736FUG Datasheet HTML 12Page - Marktech Corporate TB62736FUG Datasheet HTML 13Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TB62736FUG
2004-10-29
11
5.
Application Circuit Example and Measurement Data
(Reference data)
• Evaluation conditions
L
: 32R51 (KOA Corp.)
(Size 3.2
× 2.5 × 0.6 mm)
S-Di
: CUS02 1 A/30 V (TOSHIBA Corp.)
LED
: NSCW215T (NICHIA Corp.)
C1
: C2012JB1E105K (TDK Corp.)
C2
: C2012JB1E105K (TDK Corp.)
VIN =
2.8~5.5 V
L1
S-Di
VCC
SW
SHDN
GND
FB
2~3
WLEDs
Input Voltage - Efficiency/Output Current
2LED Drive, L=5.1µH
10
15
20
25
30
35
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
VIN(V)
50
60
70
80
90
100
IOUT
Efficiency
Input Voltage - Efficiency/Output Current
3LED Drive, L=5.1µH
10
15
20
25
30
35
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
VIN(V)
50
60
70
80
90
100
IOUT
Efficiency
<Measurement Data>
Efficiency in the range of VIN = 2.8 to 5.5 V
Efficiency (%)
Average Efficiency
(%)
2 LED
81.78~88.79
85.84
3 LED
76.84~85.48
82.17
Output current in the range of VIN = 3.0 to 5.0 V
Tolerance (%)
Output Current (mA)
VIN = 3.6 V center
MIN
MAX
2 LED
21.19
-2.99
1.64
3 LED
20.71
-1.98
1.44


Numéro de pièce similaire - TB62736FUG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TB62731FU TOSHIBA-TB62731FU Datasheet
350Kb / 9P
   Step up DC-DC converter for LEDs
logo
Marktech Corporate
TB62731FUG MARKTECH-TB62731FUG Datasheet
273Kb / 17P
   Step-up DC-DC Converter for White LED Driver
logo
Toshiba Semiconductor
TB62731FUG TOSHIBA-TB62731FUG Datasheet
246Kb / 20P
   Step-up DC-DC Converter for White LED Driver
TB62732FU TOSHIBA-TB62732FU Datasheet
177Kb / 15P
   The step up type DC-DC converter only for white LED driver lighting
TB62732FUG TOSHIBA-TB62732FUG Datasheet
290Kb / 18P
   Step-up DC/DC Converter for White LED Driver
More results

Description similaire - TB62736FUG

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
TB62756FUG MARKTECH-TB62756FUG Datasheet
383Kb / 14P
   Step-up Type DC/DC Converter for White LEDs
logo
Toshiba Semiconductor
TB62763FMG TOSHIBA-TB62763FMG Datasheet
611Kb / 15P
   Step Up Type DC/DC Converter for White LED
logo
KEC(Korea Electronics)
KAB3405T KEC-KAB3405T Datasheet
612Kb / 7P
   Step Up Type DC/DC Converter for White LED
logo
Marktech Corporate
TB62752AFUG MARKTECH-TB62752AFUG Datasheet
189Kb / 6P
   Step Up Type DC/DC Converter for White LED
TB62750FTG MARKTECH-TB62750FTG Datasheet
205Kb / 10P
   Step Up Type DC-DC Converter for White LED
TB62734FMG MARKTECH-TB62734FMG Datasheet
436Kb / 14P
   Step Up Type DC-DC Converter for White LED
logo
KEC(Korea Electronics)
KAB3405T KEC-KAB3405T_08 Datasheet
233Kb / 6P
   Step Up Type DC/DC Converter for White LED
logo
Toshiba Semiconductor
TB62731FU TOSHIBA-TB62731FU Datasheet
350Kb / 9P
   Step up DC-DC converter for LEDs
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
   DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
   DC-DC Step-Up Converter for White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com