Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TB62736FUG Fiches technique(PDF) 7 Page - Marktech Corporate

No de pièce TB62736FUG
Description  Step-up Type DC-DC Converter for White LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62736FUG Fiches technique(HTML) 7 Page - Marktech Corporate

Back Button TB62736FUG Datasheet HTML 3Page - Marktech Corporate TB62736FUG Datasheet HTML 4Page - Marktech Corporate TB62736FUG Datasheet HTML 5Page - Marktech Corporate TB62736FUG Datasheet HTML 6Page - Marktech Corporate TB62736FUG Datasheet HTML 7Page - Marktech Corporate TB62736FUG Datasheet HTML 8Page - Marktech Corporate TB62736FUG Datasheet HTML 9Page - Marktech Corporate TB62736FUG Datasheet HTML 10Page - Marktech Corporate TB62736FUG Datasheet HTML 11Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TB62736FUG
2004-10-29
7
1.
Application Circuit Example and Measurement Data
(Reference data)
• Evaluation conditions
L
: CXLD120 series (NEO MAX CO.,Ltd.)
(Size 2.5
× 3.0 × 1.2 mm)
S-Di
: CUS02 1 A/30 V (TOSHIBA Corp.)
LED
: NSCW215T (NICHIA Corp.)
C1
: C2012JB1E105K (TDK Corp.)
C2
: C2012JB1E105K (TDK Corp.)
VIN =
2.8~5.5 V
L1
S-Di
VCC
SW
SHDN
GND
FB
2~6
WLEDs
Input Voltage - Efficiency/Output Current
2LED Drive, L=4.7µH
10
15
20
25
30
35
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
VIN(V)
50
60
70
80
90
100
IOUT
Efficiency
Input Voltage - Efficiency/Output Current
3LED Drive, L=6.8µH
10
15
20
25
30
35
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
VIN(V)
50
60
70
80
90
100
IOUT
Efficiency
Input Voltage - Efficiency/Output Current
4LED Drive, L=6.8µH
10
15
20
25
30
35
2.83.1
3.43.7
4
4.3
4.64.9
5.25.5
VIN(V)
50
60
70
80
90
100
IOUT
Efficiency
Input Voltage - Efficiency/Output Current
5LED Drive, L=10µH
10
15
20
25
30
35
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
VIN(V)
50
60
70
80
90
100
IOUT
Efficiency
Input Voltage - Efficiency/Output Current
6LED Drive, L=10µH
10
15
20
25
30
35
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
VIN(V)
50
60
70
80
90
100
IOUT
Efficiency
<Measurement Data>
Efficiency in the range of VIN = 2.8 to 5.5 V
Efficiency (%)
Average Efficiency
(%)
2 LED
82.60 to 88.46
86.29
3 LED
82.69 to 87.78
85.95
4 LED
80.73 to 86.22
83.05
5 LED
80.73 to 87.28
83.45
6 LED
79.78 to 85.55
81.15
Output current in the range of VIN = 3.0 to 5.0 V
Tolerance (%)
Output Current (mA)
VIN = 3.6 V center
MIN
MAX
2 LED
21.13
-3.50
1.77
3 LED
20.60
-1.95
1.38
4 LED
20.87
-1.75
1.11
5 LED
20.06
-1.81
1.15
6 LED
19.90
-1.95
1.28


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
TB62756FUG Step-up Type DC/DC Converter for White LEDs 1  2  3  4  5  More Marktech Corporate
TB62750FTG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
TB62732FU The step up type DC-DC converter only for white LED driver lighting 1  2  3  4  5  More Toshiba Semiconductor
TB62731FUG Step-up DC-DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate
TB62734FMG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
TB62752AFUG Step Up Type DC/DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
AAT1500 CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS 1  2  3  4  5  More List of Unclassifed Manufacturers
LM3557 Step-Up Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)
TB62733FTG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Toshiba Semiconductor
TCA62735AFLG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn