Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TB62736FUG Fiches technique(PDF) 5 Page - Marktech Corporate

No de pièce TB62736FUG
Description  Step-up Type DC-DC Converter for White LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62736FUG Fiches technique(HTML) 5 Page - Marktech Corporate

  TB62736FUG Datasheet HTML 1Page - Marktech Corporate TB62736FUG Datasheet HTML 2Page - Marktech Corporate TB62736FUG Datasheet HTML 3Page - Marktech Corporate TB62736FUG Datasheet HTML 4Page - Marktech Corporate TB62736FUG Datasheet HTML 5Page - Marktech Corporate TB62736FUG Datasheet HTML 6Page - Marktech Corporate TB62736FUG Datasheet HTML 7Page - Marktech Corporate TB62736FUG Datasheet HTML 8Page - Marktech Corporate TB62736FUG Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TB62736FUG
2004-10-29
5
Output-side Capacitor Setting
It is recommended that the value of C2 be equal to, or greater than 1.0 (µF).
External Inductor Size Setting
For each number of LEDs, the selected inductance should be greater than the value indicated in the
table below.
Number of LEDs
Inductance (Unit:
µH)
Note
2
4.7
3
4
6.8
5
6
10
IF = 20 mA
Control of IF
The resistance RSENS is connected between the FB pin and the GND pin.
The average current is controlled by the RSENS value, and calculated using the following equation:
IF (mA) = [ 325mV / RSENS(Ω) ]
Margin of error is ±5%.
Current control using SHDN pin
This IC can carry out variable of the IF current by external resistance Variable range : 30 to 100%
SHDN Voltage
VSHDN=0V~0.5V
VSHDN=1V~2.5V
VSHDN>2.5V
Note
Io Valuable Rate
0
25 - 100
100
UNIT : %
Dimming using PWM signal input
A dimming function can also by applied using a PWM signal.
[Notes]
▪When using a PWM signal, the minimum pulse width of the PWM should be greater than 33µs.
▪Duty ratio of PWM function should be set at 10% - 90%.
▪The recommended PWM frequency should be 100Hz - 10kHz.
<<Output current is calculated using the following equation>>
IF(mA) =
RSENS [Ω]
325[mV] × ON Duty [%]
SHDN input - output rate/output current
VIN=3.0V
0
20
40
60
80
100
1.0
1.3
1.6
1.9
2.2
2.5
VSHDN(V)
0
5
10
15
20
25
IF rate
IF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
TB62756FUG Step-up Type DC/DC Converter for White LEDs 1  2  3  4  5  More Marktech Corporate
TB62750FTG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
TB62732FU The step up type DC-DC converter only for white LED driver lighting 1  2  3  4  5  More Toshiba Semiconductor
TB62731FUG Step-up DC-DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate
TB62734FMG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
TB62752AFUG Step Up Type DC/DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
AAT1500 CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS 1  2  3  4  5  More List of Unclassifed Manufacturers
LM3557 Step-Up Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)
TB62733FTG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Toshiba Semiconductor
TCA62735AFLG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn