Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TB62736FUG Fiches technique(PDF) 4 Page - Marktech Corporate

No de pièce TB62736FUG
Description  Step-up Type DC-DC Converter for White LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62736FUG Fiches technique(HTML) 4 Page - Marktech Corporate

  TB62736FUG Datasheet HTML 1Page - Marktech Corporate TB62736FUG Datasheet HTML 2Page - Marktech Corporate TB62736FUG Datasheet HTML 3Page - Marktech Corporate TB62736FUG Datasheet HTML 4Page - Marktech Corporate TB62736FUG Datasheet HTML 5Page - Marktech Corporate TB62736FUG Datasheet HTML 6Page - Marktech Corporate TB62736FUG Datasheet HTML 7Page - Marktech Corporate TB62736FUG Datasheet HTML 8Page - Marktech Corporate TB62736FUG Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TB62736FUG
2004-10-29
4
Application Circuit Example
Protection at the time of LED opening
The zener diode in the application circuit example is necessary for the provision of over-voltage protection for
when the LED becomes open. As the IC does not incorporate a voltage protection circuit, it is strongly advised that
a zener diode be connected.
The zener diode should satisfy the following conditions:
i)
Less than maximum output voltage of 24V
ii)
Greater than the total series LED VF
iii) Less than the maximum output capacitance C2.
Moreover, by connecting a protection circuit such as R_ZD in the figure below, it is possible to control the output
current when the LED becomes open, and to use a zener diode of lower tolerance.
An example of IZD control by R_ZD connection. (RSENS = 16 Ω)
R_DZ (
Ω)
IZD (mA)
500
0.6
100
1.0
In order to avoid adverse effects on driver characteristics,
Toshiba recommends a resistance of 500 ohms or less.
Level
Detect
CTL
AMP.
CTL
AMP.
Error
AMP.
Off Time
Control
Mono Multi
Reference
Mono Multi
1.0-2.5V
Analog
PWM
VIN
SW
NC
FB
GND
SHDN
4.7-10µH
1µF
2.2µF
VIN
16Ω
@20mA
1
3
4
2
6
5
500Ω
Vz=24V
SW
GND FB
S-Di
IZD
1
µF
C2
R_ZD
RSENS
IF
Protection circuit application


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
TB62756FUG Step-up Type DC/DC Converter for White LEDs 1  2  3  4  5  More Marktech Corporate
TB62750FTG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
TB62732FU The step up type DC-DC converter only for white LED driver lighting 1  2  3  4  5  More Toshiba Semiconductor
TB62731FUG Step-up DC-DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate
TB62734FMG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
TB62752AFUG Step Up Type DC/DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
AAT1500 CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS 1  2  3  4  5  More List of Unclassifed Manufacturers
LM3557 Step-Up Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)
TB62733FTG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Toshiba Semiconductor
TCA62735AFLG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn