Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TB62736FUG Fiches technique(PDF) 3 Page - Marktech Corporate

No de pièce TB62736FUG
Description  Step-up Type DC-DC Converter for White LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62736FUG Fiches technique(HTML) 3 Page - Marktech Corporate

  TB62736FUG Datasheet HTML 1Page - Marktech Corporate TB62736FUG Datasheet HTML 2Page - Marktech Corporate TB62736FUG Datasheet HTML 3Page - Marktech Corporate TB62736FUG Datasheet HTML 4Page - Marktech Corporate TB62736FUG Datasheet HTML 5Page - Marktech Corporate TB62736FUG Datasheet HTML 6Page - Marktech Corporate TB62736FUG Datasheet HTML 7Page - Marktech Corporate TB62736FUG Datasheet HTML 8Page - Marktech Corporate TB62736FUG Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TB62736FUG
2004-10-29
3
Absolute Maximum Ratings (Topr = 25°C, unless otherwise specified)
Characteristics
Symbol
Ratings
Unit
Power supply voltage
VIN
−0.3 to 6.0
V
Input voltage
Vin
−0.3 to VCC + 0.3
V
Switching pin voltage
VO (SW)
−0.3 to 24
V
Switching pin current
IO (SW)
380
mA
0.41 (IC only)
Power Dissipation
PD
0.47 (IC mounted on
PCB)
(Note)
W
Rth (j-a) 1
300 (IC only)
Thermal resistance
Rth (j-a) 2
260 (IC mounted on
PCB)
°C/W
Operating temperature range
Topr
−40 to 85
°C
Storage temperature
Tstg
−40 to 150
°C
Maximum junction temperature
Tj
125
°C
Note: Power dissipation is reduced by 3.8mW/°C from the maximum rating for every 1°C exceeding the ambient
temperature of 25°C (when the IC is mounted on a PCB).
Recommended Operating Condition (Topr = −40 to 85°C, unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Power supply voltage
VIN
2.8
5.5
V
SHDN pin H level input voltage
VSHDN (H)
2.7
VIN
V
SHDN pin L level input voltage
VSHDN (L)
0
0.5
V
SHDN pin input pulse width
tpw
ON/OFF duty width
33
µs
LED current (Average value)
IO1
VIN = 3.6 V, RSENS = 16 Ω
4LEDs, Topr = 25°C
20
A
Electrical Characteristics (Topr = −40~85°C VCC = 2.8~5.5 V, unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Operating consumption current
IIN (ON)
VIN = 6.0 V, RSENS = 16 Ω
0.9
1.5
mA
Standby consumption current
IIN (OFF)
VIN = 3.6 V, VSHDN = 0 V
0.5
1.0
µA
SHDN pin current
ISHDN
VIN = 3.6 V, VSHDN = 3.6 V
−10
0
10
µA
Integrated MOS-FET switching
frequency
fOSC
VIN = 3.6 V, VSHDN = 3.6 V
0.77
1.1
1.43
MHz
Switching pin protection voltage
VO (SW)
25
V
Switching pin current
IO (SW)
400
mA
Switching pin leakage current
IOZ (SW)
0.5
1
µA
FB pin feedback voltage
VFB
VIN = 3.6 V, RSENS = 16 Ω
Topr = 25°C, L = 4.7µH
308
325
342
mV
FB pin line regulation
∆VFB
VIN = 3.6 V center
VIN = 3.0V to 5.0V
−5
5
%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
TB62756FUG Step-up Type DC/DC Converter for White LEDs 1  2  3  4  5  More Marktech Corporate
TB62750FTG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
TB62732FU The step up type DC-DC converter only for white LED driver lighting 1  2  3  4  5  More Toshiba Semiconductor
TB62731FUG Step-up DC-DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate
TB62734FMG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
TB62752AFUG Step Up Type DC/DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
AAT1500 CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS 1  2  3  4  5  More List of Unclassifed Manufacturers
LM3557 Step-Up Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)
TB62733FTG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Toshiba Semiconductor
TCA62735AFLG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn