Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TB62734FMG Fiches technique(PDF) 5 Page - Marktech Corporate

No de pièce TB62734FMG
Description  Step Up Type DC-DC Converter for White LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62734FMG Fiches technique(HTML) 5 Page - Marktech Corporate

  TB62734FMG Datasheet HTML 1Page - Marktech Corporate TB62734FMG Datasheet HTML 2Page - Marktech Corporate TB62734FMG Datasheet HTML 3Page - Marktech Corporate TB62734FMG Datasheet HTML 4Page - Marktech Corporate TB62734FMG Datasheet HTML 5Page - Marktech Corporate TB62734FMG Datasheet HTML 6Page - Marktech Corporate TB62734FMG Datasheet HTML 7Page - Marktech Corporate TB62734FMG Datasheet HTML 8Page - Marktech Corporate TB62734FMG Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TOSHIBA
TB62734FMG
5/11
Electrical Characteristics (Topr=-40 to 85
°C, Vcc=2.8 to 5.5V, If not Specified)
Item
Symbol
Measurement Condition
Min.
Typ.
Max.
Unit
Operating
Consumption Current
Icc(On)
Vcc=3.6V, RSENS=8.2Ω
-
0.9
1.5
mA
Quiescent
Consumption Current
Icc(Off)
Vcc=3.6V, VCTL=0V
-
0.5
1.0
uA
CTL Terminal Current
I_CTL
Vcc=3.0V, VCTL=3V
+/-
7
+/-
12
+/-
21
uA
Integrated
MOS-Tr
ON Resistance
Ron
Io(A)= greater than 400mA
0.7
1.5
Integrated
MOS-Tr
Switching Frequency
fOSC
Vcc=3.6V, Vctl=3.0V
Topr=25
°C
0.75
1.0
1.39
MHz
A Terminal Protection
Voltage
Vo(A)
6 Series white LED are also
driven
24
26
-
V
Switching Terminal
Current
Io(A)
-
-
600
-
mA
Switching Terminal
Leakage Current
Ioz(A)
Vo(A)=22V
-
0.5
1
uA
OVD Terminal
Voltage
Vovd
-
19
21
23
V
OVD Terminal
Leakage Current
Ioz(ovd)
Vovd=18V
-
0.5
1
uA
LED Current
(Average Value)
Io2
VCC=3.6V, RSENS=7.5Ω
Topr=25
°C, L=6.8uH
18
20
22
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
TB62750FTG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
TB62732FU The step up type DC-DC converter only for white LED driver lighting 1  2  3  4  5  More Toshiba Semiconductor
TB62752AFUG Step Up Type DC/DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
TB62733FTG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Toshiba Semiconductor
TCA62735AFLG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate
TB62731FUG Step-up DC-DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate
TB62736FUG Step-up Type DC-DC Converter for White LEDs 1  2  3  4  5  More Marktech Corporate
TB62756FUG Step-up Type DC/DC Converter for White LEDs 1  2  3  4  5  More Marktech Corporate
LM3557 Step-Up Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)
NFSW036BT SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn