Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TB62734FMG Fiches technique(PDF) 4 Page - Marktech Corporate

No de pièce TB62734FMG
Description  Step Up Type DC-DC Converter for White LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62734FMG Fiches technique(HTML) 4 Page - Marktech Corporate

  TB62734FMG Datasheet HTML 1Page - Marktech Corporate TB62734FMG Datasheet HTML 2Page - Marktech Corporate TB62734FMG Datasheet HTML 3Page - Marktech Corporate TB62734FMG Datasheet HTML 4Page - Marktech Corporate TB62734FMG Datasheet HTML 5Page - Marktech Corporate TB62734FMG Datasheet HTML 6Page - Marktech Corporate TB62734FMG Datasheet HTML 7Page - Marktech Corporate TB62734FMG Datasheet HTML 8Page - Marktech Corporate TB62734FMG Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TOSHIBA
TB62734FMG
4/11
Absolute Maximum Ratings (Topr = 25
°C If not specified)
Item
Symbol
Ratings
Unit
Power supply
Voltage
Vcc
- 0.3 to + 6.0
V
Input Voltage
Vin
- 0.3 to + VCC + 0.3
V
Switching Terminal
Voltage
Vo(A)
- 0.3 to + 24
V
OVD Voltage
V(ovd)
- 0.3 to + 18
V
0.41 (Device)
Power Dissipation
Pd
0.47 (With PCB) Note1
W
Rth(j-a)1
300 (Device)
Thermal Resistance
Rth(j-a)2
260 (With PCB)
°C/W
Operating
Temperature range
Topr
- 40 to + 85
Storage Temperature
Tstg
- 40 to + 150
Maximum Junction
Temperature
Tj
125
°C
Note 1 : When every time the ambient temperature gets over 25 °C with 1 °C, the allowable loss must reduce
3.8mW/°C more than maximum rated value. ( When on PCB.)
Recommended Operating Condition (Topr = -40 to 85
°C If not Specified)
Item
Symbol
Measurement Condition
Min.
Typ.
Max.
Unit
Power Supply
Voltage
Vcc
-
2.8
-
5.5
V
CTL Terminal
H level Input
Voltage
Vctl H
-
VCC
-0.5
-
VCC
CTL Terminal
L Level Input
Voltage
Vctl L
-
0
-
0.4
V
Io1
VCC=3.6V, RSENS=7.5Ω
6 LED, Topr=25
°C,
-
20
-
mA
Io2
VCC=3.6V, RSENS=7.5Ω
4 LED, Topr=25
°C
-
20
-
mA
LED Current
(Average Value)
Io3
VCC=3.6V, RSENS=3.3Ω
3 LED, Topr=25
°C
-
40
-
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
TB62750FTG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
TB62732FU The step up type DC-DC converter only for white LED driver lighting 1  2  3  4  5  More Toshiba Semiconductor
TB62752AFUG Step Up Type DC/DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
TB62733FTG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Toshiba Semiconductor
TCA62735AFLG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate
TB62731FUG Step-up DC-DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate
TB62736FUG Step-up Type DC-DC Converter for White LEDs 1  2  3  4  5  More Marktech Corporate
TB62756FUG Step-up Type DC/DC Converter for White LEDs 1  2  3  4  5  More Marktech Corporate
LM3557 Step-Up Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)
NFSW036BT SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn