Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TB62731FUG Fiches technique(PDF) 1 Page - Marktech Corporate

No de pièce TB62731FUG
Description  Step-up DC-DC Converter for White LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62731FUG Fiches technique(HTML) 1 Page - Marktech Corporate

  TB62731FUG Datasheet HTML 1Page - Marktech Corporate TB62731FUG Datasheet HTML 2Page - Marktech Corporate TB62731FUG Datasheet HTML 3Page - Marktech Corporate TB62731FUG Datasheet HTML 4Page - Marktech Corporate TB62731FUG Datasheet HTML 5Page - Marktech Corporate TB62731FUG Datasheet HTML 6Page - Marktech Corporate TB62731FUG Datasheet HTML 7Page - Marktech Corporate TB62731FUG Datasheet HTML 8Page - Marktech Corporate TB62731FUG Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TB62731FUG
TOSHIBA BiCD Digital Integrated Circuit
Silicon Monolithic
TB62731FUG
Step-up DC-DC Converter for White LED Driver
The TB62731FUG is an LED driver that uses a high power
efficiency step-up DC-DC converter. The converter turns on/off 2
to 6 white LEDs in series.
The IC incorporates an N-channel MOSFET transistor used for
coil-switching and a function that reduces the LED current in
response to increase in temperature.
The mean LED current can be easily set using an external
resistor.
The IC is ideal as a driver for LED light sources used as liquid
crystal backlights for PDAs, cellular phones, and handy
terminals.
Features
• Maximum output voltage: Vo ≤ 28 V
• Mean LED current values set according to external resistor
14 mA (typ.) @R_sens = 2.7 Ω
20 mA (typ.) @R_sens = 1.8 Ω
• Supply power: Up to 320 mW supported
• Compact package: SSOP6-P-0.95B, 6 pins
• Built-in temperature derating function: LED current derated automatically depending on temperature
• High power efficiency
Up to 80% of peak power efficiency achieved using recommended components
Ron = 2.0 Ω (typ.) @VIN = 3.2~5.5 V
Built-in low Ron power MOS switch
Pin assignment (top view)
Weight: 0.016 g (typ.)
K
GND
SHDN
A
GND
VCC
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn