Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TB62731FUG Fiches technique(PDF) 6 Page - Marktech Corporate

No de pièce TB62731FUG
Description  Step-up DC-DC Converter for White LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62731FUG Fiches technique(HTML) 6 Page - Marktech Corporate

Back Button TB62731FUG Datasheet HTML 2Page - Marktech Corporate TB62731FUG Datasheet HTML 3Page - Marktech Corporate TB62731FUG Datasheet HTML 4Page - Marktech Corporate TB62731FUG Datasheet HTML 5Page - Marktech Corporate TB62731FUG Datasheet HTML 6Page - Marktech Corporate TB62731FUG Datasheet HTML 7Page - Marktech Corporate TB62731FUG Datasheet HTML 8Page - Marktech Corporate TB62731FUG Datasheet HTML 9Page - Marktech Corporate TB62731FUG Datasheet HTML 10Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TB62731FUG
2004-09-14
6
Figure 3
Burst Control Waveforms
Burst Control
Burst control is control of the number of current pulses, shown in the graph on the previous page.
Control is repeated in desired cycles. The current pulse in the graph is the charged current on capacitor 2 (C2)
for output.
The current pulse is supplied to the LED as current discharged from the output-side capacitor. The current
pulse flows to GND via R_sens.
The waveform of the voltage charged on the output-side capacitor is fed back to the IC from pin K via C2.
The internal circuit which uses pin K for input controls the number of current pulses so that the mean voltage
value of the obtained voltage waveform is 36 mV. As a result, the output current is controlled as the constant
current (= mean current).
Connecting R_sens = 1.8 Ω obtains the mean current (36 mV ÷ 1.8 Ω = 20 mA).
Current is controlled by PFM (pulse frequency modulation) because the time when the output pulse is
generated varies (increases/decreases).
A prerequisite is that the input power from VIN is larger than the output power to the LED load. The
constant current is maintained by fixing a pulse stop time of 7.5~15 µs and increasing/decreasing the number of
current pulses. The number of current pulses is fewer when the input power exceeds the output power, larger
when the input power is less than the output power.
The burst frequency (pulse generation frequency) at controlled constant current is calculated as follows:
fburst [Hz] = (number of current pulses x (1/275~1/350 kHz) + pulse stop time (7.5~15 µs) . . . formula 1
The IC is designed to supply a load power of 320 mW (min).
Generally, a step-up inductance of 47 µH is used for optimum design for the load power of 320 mW. When the
load power is small, the inductance must be small.
Make sure the following condition for LED load between pins A and K is satisfied:
VIN (VCC) < LED Vf total
Note that, regardless of control by the IC, LEDs are always on.
Pin A voltage
Pin A current (external
inductance current)
Pin K voltage (current
charged on capacitor)
Pulse output time
width fOSC = 350 kHz
Maximum duty width for
inductor on: 83.3% of fOSC
Pulse stop time width:
7.5
µs (min)~15 µs (max)
Repetition of waveforms at left
I A (peak)
= 240 mA (typ.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn