Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TB62731FUG Fiches technique(PDF) 4 Page - Marktech Corporate

No de pièce TB62731FUG
Description  Step-up DC-DC Converter for White LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62731FUG Fiches technique(HTML) 4 Page - Marktech Corporate

  TB62731FUG Datasheet HTML 1Page - Marktech Corporate TB62731FUG Datasheet HTML 2Page - Marktech Corporate TB62731FUG Datasheet HTML 3Page - Marktech Corporate TB62731FUG Datasheet HTML 4Page - Marktech Corporate TB62731FUG Datasheet HTML 5Page - Marktech Corporate TB62731FUG Datasheet HTML 6Page - Marktech Corporate TB62731FUG Datasheet HTML 7Page - Marktech Corporate TB62731FUG Datasheet HTML 8Page - Marktech Corporate TB62731FUG Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TB62731FUG
2004-09-14
4
Electrical Characteristics (unless otherwise specified, Ta
= −40~85°C, VCC = 3.0~5.5 V)
Characteristics
Symbol
Test
circuit
Test condition
Min
Typ.
Max
Unit
Supply voltage
VCC
3.0
5.5
V
Current consumption at operation
ICC (ON)
VCC = 3.6 V
0.6
0.9
mA
Current consumption at standby
ICC (SHDN)
SHDN
= 0 V
0.5
1.0
µA
SHDN pin current
I_SHDN
SHDN
= VCC,
Built-in pull-down resistor
4.2
7
µA
Internal MOS transistor on-resistance
Ron
I (A) <
= 270 mA,
Including detected resistance
2.0
2.5
Internal MOS transistor switching
frequency
fOSC
275
350
425
kHz
Pin A voltage
Vo (A)
28
V
Pin A current
Io (A)
210
240
270
mA
Pin A leakage current
Ioz (A)
0.5
1
µA
Set LED current (mean)
Io
VCC = 3.2~4.2 V,
R_sens
= 1.8 Ω
Topr = 25°C
(Note 1)
17.6
20
22.4
mA
Pin K derating start ambient
temperature
Tdel
Equivalent to R_sens
= 1.8 Ω,
L
= 4.7 µH, V
O = 16 V
45
(Note 2)
°C
Note 1: Due to operation of the temperature derating function, measure when Ta
= 25°C.
Note that fluctuation in R_sens resistors is not included in the specified value.
Io may be different from the specified value due to the relation between the inductor value and load.
Note 2: This rating is guaranteed by the design.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn