Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TB62725BPG Fiches technique(PDF) 5 Page - Marktech Corporate

No de pièce TB62725BPG
Description  8-BIT CONSTANT - CURRENT LED DRIVER OF THE 3.3-V AND 5-V POWER SUPPLY VOLTAGE OPERATION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62725BPG Fiches technique(HTML) 5 Page - Marktech Corporate

  TB62725BPG Datasheet HTML 1Page - Marktech Corporate TB62725BPG Datasheet HTML 2Page - Marktech Corporate TB62725BPG Datasheet HTML 3Page - Marktech Corporate TB62725BPG Datasheet HTML 4Page - Marktech Corporate TB62725BPG Datasheet HTML 5Page - Marktech Corporate TB62725BPG Datasheet HTML 6Page - Marktech Corporate TB62725BPG Datasheet HTML 7Page - Marktech Corporate TB62725BPG Datasheet HTML 8Page - Marktech Corporate TB62725BPG Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TB62725BPG/BFG/BFNG 
2005­04­20 
Maximum Ratings (Topr = 25°C) 
Characteristics 
Symbol 
Rating 
Unit 
Supply voltage 
VDD 
Input voltage 
VIN
-0.2 to VDD + 0.2 
Output current 
IOUT 
90 
mA/ch 
Output voltage 
VOUT
-0.2 to 17 
BPG­type 
(when not mounted) 
Pd1 
1.47 
BFG/BFNG­type 
(when not mounted) 
0.37 
Power 
dissipation 
(Note  3) 
BFG/BFNG­type (on 
PCB) 
Pd2 
0.78 
BPG­type 
(when not mounted) 
Rth (j­a) 1 
85 
BFG/BFNG­type 
(when not mounted) 
Rth (j­a) 2 
330 
Thermal 
resistance 
(Note  3) 
BFG/BFNG­type (on 
PCB) 
Rth (j­a) 3 
160 
°C/W 
Operating temperature 
Topr
-40 to 85 
°C 
Storage temperature 
Tstg
-55 to 150 
°C 
Note 3:  BPG­type: Power dissipation is delated by 11.76 mW/°C if device is mounted on PCB and ambient 
temperature is above 25°C. 
BFG and BFNG­type: Power dissipation is delated by 7.69 mW/°C if device is mounted on PCB and ambient 
temperature is above 25°C. With device mounted on glass­epoxy PCB of less than 40% Cu and of 
dimensions 50 mm ´ 50 mm ´ 1.6 mm 
Recommended Operating Conditions (Topr = -40°C to 85°C unless otherwise specified) 
Characteristics 
Symbol 
Test Condition 
Min 
Typ. 
Max 
Unit 
Supply voltage 
VDD
¾
5.5 
Output voltage 
VOUT
¾
¾
0.7 
IOUT 
Each DC 1 circuit 
5
¾
80 
mA/ch 
IOH 
SERIAL­OUT
¾
¾
-1 
Output current 
IOL 
SERIAL­OUT
¾
¾
mA 
VIH 
0.7 ´
VDD
¾
VDD +
0.15 
Input voltage 
VIL
¾
-0.15
¾
0.3 ´
VDD 
mA 
Clock frequency 
fCLK 
Cascade Connected
¾
¾
20 
MHz 
LATCH  pulse width 
LATCH 
t
¾
50
¾
¾
ns 
IOUT >
= 20 mA 
2000
¾
¾
ENABLE  pulse width 
(Note  4) 
ENABLE 
IOUT < 20 mA 
3000
¾
¾
ns 
CLOCK pulse width 
twCLOCK 
25
¾
¾
Set­up time for CLOCK terminal 
tSETUP1 
10
¾
¾
Hold time for CLOCK terminal 
tHOLD 
10
¾
¾
Set­up time for  LATCH  terminal 
tSETUP2
¾
50
¾
¾
ns 
Note 4:  When the pulse of the low level is inputted to the  ENABLE  terminal held in the high level.


Numéro de pièce similaire - TB62725BPG

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
TB62725BPG MARKTECH-TB62725BPG Datasheet
896Kb / 18P
   8bit ConstantCurrent LED Driver of the 3.3V and 5V Power Supply Voltage Operation
TB62725BPG MARKTECH-TB62725BPG_09 Datasheet
896Kb / 18P
   8bit ConstantCurrent LED Driver of the 3.3V and 5V Power Supply Voltage Operation
More results

Description similaire - TB62725BPG

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
TB62778FNG MARKTECH-TB62778FNG Datasheet
247Kb / 23P
   8-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
TB62777FNG MARKTECH-TB62777FNG Datasheet
194Kb / 17P
   8-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
logo
Toshiba Semiconductor
TB62D612FTG TOSHIBA-TB62D612FTG Datasheet
616Kb / 24P
   24-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
TC62D776CFNAG TOSHIBA-TC62D776CFNAG Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply
TC62D776CFG TOSHIBA-TC62D776CFG Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply
TB62726AN TOSHIBA-TB62726AN Datasheet
254Kb / 18P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
logo
Marktech Corporate
TB62726ANG MARKTECH-TB62726ANG_09 Datasheet
585Kb / 18P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
TB62726ANG MARKTECH-TB62726ANG Datasheet
389Kb / 17P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
logo
Toshiba Semiconductor
TB62726ANG TOSHIBA-TB62726ANG Datasheet
251Kb / 19P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
TB62783FNG TOSHIBA-TB62783FNG Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver of the 3.3V and 5V Power Supply Voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com