Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TB62709NG Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TB62709NG
Description  7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62709NG Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TB62709NG Datasheet HTML 1Page - Toshiba Semiconductor TB62709NG Datasheet HTML 2Page - Toshiba Semiconductor TB62709NG Datasheet HTML 3Page - Toshiba Semiconductor TB62709NG Datasheet HTML 4Page - Toshiba Semiconductor TB62709NG Datasheet HTML 5Page - Toshiba Semiconductor TB62709NG Datasheet HTML 6Page - Toshiba Semiconductor TB62709NG Datasheet HTML 7Page - Toshiba Semiconductor TB62709NG Datasheet HTML 8Page - Toshiba Semiconductor TB62709NG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TB62709NG/FG
2005-10-06
5
DESCRIPTION OF OPERATION
Data input (SERIAL−IN, CLOCK, LOAD)
The data are input serially using the SERIAL−IN pin. The data input interface consists of a total of three
inputs : SERIAL−IN, LOAD, and CLOCK.
Binary code stored in the 16−bit shift register offers control modes including duty Control Register Set, Digitset,
Decode Set, and Standby Set,
The data are shifted on the rising edge of the clock, starting from the MSB. Cascade−connecting TB62709NG or
TB62709FG devices provides capability for controlling a larger number of digits.
The serial data in the 16−bit shift register are used as follows : the four bits D15 (MSB) to D12 select the IC
operating mode (Table 1), while D11 to D8 select the register corresponding to the operating mode (Table 2).
Bits D7 to D0 (LSB) of the 16−bit shift register are used for detail settings, such as number of digits in use,
character settings in each digit, and light intensity.
The internal registers are loaded on the rising edge of the LOAD signal, which causes loading of data from an
external source into the D15 (MSB) to D8 bits of the shift register, operating mode and the corresponding
register selection data. On the subsequent falling edge, the detail setting data of D7 to D0 (LSB) are loaded.
Normally LOAD is Low. After a serial transfer of 16bits, the input of a High−level pulse loads the data.
Note the following caution : Use the D15 to D8 setting and the D7 to D0 detail data setting as a pair. If only the
D7 to D0 data are input without setting D15 to D8 an error condition may result, in which the device will not
operate normally. If the current mode is set again by a new signal, the data for D15 to D8 must also be re−input.
Operating precautions
At power−on or after operation in Clear mode (in initial state), set the IC to Normal mode again. Otherwise, the
IC will not drive the LED.
Operating the IC in Blank mode (all lights off) or in All On mode (all lights lit) does not affect the internal data.
Setting the IC to Normal mode again continues the LED lighting in the state governed by the settings made
immediately before mode change.
Normal mode (not Shut Down, Clear, Blank, or All On mode) continues the operations set in Load Register
mode. In Normal mode, operations are governed by any new settings made in the Load Register, as soon as the
changed setting values are loaded.


Numéro de pièce similaire - TB62709NG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TB62709NG TOSHIBA-TB62709NG Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709NG TOSHIBA-TB62709NG_06 Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
More results

Description similaire - TB62709NG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TB62709N TOSHIBA-TB62709N_06 Datasheet
573Kb / 28P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709NG TOSHIBA-TB62709NG_06 Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62785NG TOSHIBA-TB62785NG Datasheet
996Kb / 30P
   7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
TB62709N TOSHIBA-TB62709N Datasheet
987Kb / 24P
   7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
TD62C851PG TOSHIBA-TD62C851PG Datasheet
573Kb / 13P
   8BIT SERIAL−IN PARALLEL−OUT SHIFT REGISTER / LATCH DRIVERS
TB62702P TOSHIBA-TB62702P_06 Datasheet
309Kb / 11P
   10BIT SERIAL−IN PARALLEL−OUT SHIFT REGISTER / LATCH / 10SEGMENT LED DRIVERS
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
   8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
logo
Marktech Corporate
MTE2050S-OH1 MARKTECH-MTE2050S-OH1 Datasheet
57Kb / 2P
   MTE2050S−OH1
logo
List of Unclassifed Man...
DILM7 ETC2-DILM7 Datasheet
140Kb / 2P
   RC−suppressor
logo
Toshiba Semiconductor
TD62930P TOSHIBA-TD62930P_06 Datasheet
343Kb / 12P
   THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com